Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 131 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 131 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 123Page - Microsemi Corporation VSC8504-02 Datasheet HTML 124Page - Microsemi Corporation VSC8504-02 Datasheet HTML 125Page - Microsemi Corporation VSC8504-02 Datasheet HTML 126Page - Microsemi Corporation VSC8504-02 Datasheet HTML 127Page - Microsemi Corporation VSC8504-02 Datasheet HTML 128Page - Microsemi Corporation VSC8504-02 Datasheet HTML 129Page - Microsemi Corporation VSC8504-02 Datasheet HTML 130Page - Microsemi Corporation VSC8504-02 Datasheet HTML 131Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 131 / 131 page
background image
Ordering Information
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
120
9
Ordering Information
The VSC8504 device is offered with two operating temperature ranges. The range for VSC8504-02 is
0 °C ambient to 125 °C junction, and the range for VSC8504-05 is -40 °C ambient to 125 °C junction.
VSC8504XKS-02 and VSC8504XKS-05 are packaged in a lead(Pb)-free, 256-pin, plastic ball grid array
(BGA) with a 17 mm × 17 mm body size, 1 mm pin pitch, and 1.8 mm maximum height.
Lead(Pb)-free products from Microsemi comply with the temperatures and profiles defined in the joint
IPC and JEDEC standard IPC/JEDEC J-STD-020. For more information, see the IPC and JEDEC
standard.
The following table lists the ordering information for the VSC8504-02 device.
Table 136 •
Ordering Information
Part Order Number
Description
VSC8504XKS-02
Lead-free, 256-pin, plastic BGA with a 17 mm × 17 mm body size, 1 mm
pin pitch, and 1.8 mm maximum height. The operating temperature is 0 °C
ambient to 125 °C junction1.
1.
For carrier class applications, the maximum operating temperature is 110 °C junction.
VSC8504XKS-05
Lead-free, 256-pin, plastic BGA with a 17 mm × 17 mm body size, 1 mm
pin pitch, and 1.8 mm maximum height. The operating temperature is
–40 °C ambient to 125 °C junction1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com