Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 64 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 64 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 60Page - Microsemi Corporation VSC8504-02 Datasheet HTML 61Page - Microsemi Corporation VSC8504-02 Datasheet HTML 62Page - Microsemi Corporation VSC8504-02 Datasheet HTML 63Page - Microsemi Corporation VSC8504-02 Datasheet HTML 64Page - Microsemi Corporation VSC8504-02 Datasheet HTML 65Page - Microsemi Corporation VSC8504-02 Datasheet HTML 66Page - Microsemi Corporation VSC8504-02 Datasheet HTML 67Page - Microsemi Corporation VSC8504-02 Datasheet HTML 68Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
53
4.2.16
Bypass Control
The bits in this register control aspects of functionality in effect when the device is disabled for the
purpose of traffic bypass. The following table shows the settings available.
Note: If bit 18.1 is set to 1 in this register, automatic exchange of next pages is disabled, and control is returned
to the user through the SMI after the base page is exchanged. The user then must send the correct
sequence of next pages to the link partner, determine the common capabilities, and force the device into
the correct configuration following the successful exchange of pages.
4:0 Reserved
RO
Reserved
Table 34 •
Bypass Control, Address 18 (0x12)
Bit Name
Access Description
Default
15
Transmit disable
R/W
1: PHY transmitter disabled
0
14
4B5B encoder/decoder
R/W
1: Bypass 4B/5B encoder/decoder
0
13
Scrambler
R/W
1: Bypass scrambler
0
12
Descrambler
R/W
1: Bypass descrambler
0
11
PCS receive
R/W
1: Bypass PCS receiver
0
10
PCS transmit
R/W
1: Bypass PCS transmit
0
9
LFI timer
R/W
1: Bypass Link Fail Inhibit (LFI) timer
0
8
Reserved
RO
Reserved
7
HP Auto-MDIX at forced
10/100
R/W
Sticky bit.
1: Disable HP Auto-MDIX at forced 10/100
speeds
1
6
Non-compliant BCM5400
detect disable
R/W
Sticky bit.
1: Disable non-compliant BCM5400
detection
0
5
Disable pair swap correction
(HP Auto-MDIX when
autonegotiation enabled)
R/W
Sticky bit.
1: Disable the automatic pair swap
correction
0
4
Disable polarity correction
R/W
Sticky bit.
1: Disable polarity inversion correction on
each subchannel
0
3
Parallel detect control
R/W
Sticky bit.
1: Do not ignore advertised ability
0: Ignore advertised ability
1
2
Pulse shaping filter
R/W
1: Disable pulse shaping filter
0
1
Disable automatic
1000BASE-T next page
exchange
R/W
Sticky bit.
1: Disable automatic 1000BASE T next
page exchanges
0
0
Reserved
RO
Reserved
Table 33 •
1000BASE-T Status Extension 2, Address 17 (0x11) (continued)
Bit Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com