Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 92 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 92 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 88Page - Microsemi Corporation VSC8504-02 Datasheet HTML 89Page - Microsemi Corporation VSC8504-02 Datasheet HTML 90Page - Microsemi Corporation VSC8504-02 Datasheet HTML 91Page - Microsemi Corporation VSC8504-02 Datasheet HTML 92Page - Microsemi Corporation VSC8504-02 Datasheet HTML 93Page - Microsemi Corporation VSC8504-02 Datasheet HTML 94Page - Microsemi Corporation VSC8504-02 Datasheet HTML 95Page - Microsemi Corporation VSC8504-02 Datasheet HTML 96Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
81
4.6.8
MAC Configuration and Fast Link
Register 19G in the GPIO register space controls the MAC interface mode and the selection of the
source PHY for the fast link failure indication. The following table shows the settings available for the
GPIO9/FASTLINK-FAIL pin.
4.6.9
Two-Wire Serial MUX Control 1
The following table shows the settings available to control the integrated two-wire serial MUX.
1.
Contact your Microsemi representative for an initialization script that greatly simplifies the programming
of QSGMII transmit controls.
2.
The “F” in the command has a bit representing each of the four PHYs. To exclude a PHY from the
configuration, set its bit to 0. For example, the configuration of PHY 3 and PHY 2 to 1000BASE-X would
be 1100 or a “C” and the command would be 0x8CC1.
Table 81 •
MAC Configuration and Fast Link Register, Address 19G (0x13)
Bit
Name
Access Description
Default
15:14 MAC configuration
R/W
Select MAC interface mode
00: SGMII
01: QSGMII
10: Reserved
11: Reserved
00
13:4
Reserved
RO
Reserved
3:0
Fast link failure port setting
R/W
Select fast link failure PHY source
0000: Port0
0001: Port1
0010: Port2
0011: Port3
1100–1111: Output disabled
0xF
Table 82 •
Two-Wire Serial MUX Control 1, Address 20G (0x14)
Bit
Name
Access Description
Default
15:9 Two-wire serial
device address
R/W
Top 7 bits of the 8-bit address sent out on the two
wire serial stream. The bottom bit is the
read/write signal, which is controlled by register
21G, bit 8. SFPs use 0xA0.
0xA0
8:6
Reserved
RO
Reserved.
5:4
Two-wire serial SCL
clock frequency
R/W
00: 50 kHz
01: 100 kHz
10: 400 kHz
11: 2 MHz
01
3
Two-wire serial MUX
port 3 enable
R/W
1: Enabled.
0: Two-wire serial disabled. Becomes GPIO pin.
0
2
Two-wire serial MUX
port 2 enable
R/W
1: Enabled.
0: Two-wire serial disabled. Becomes GPIO pin.
0
1
Two-wire serial MUX
port 1 enable
R/W
1: Enabled.
0: Two-wire serial disabled. Becomes GPIO pin.
0
0
Two-wire serial MUX
port 0 enable
R/W
1: Enabled.
0: Two-wire serial disabled. Two-wire serial MUX
port 0 becomes GPIO pin if serial LED function is
enabled, regardless of the settings of this bit.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com