Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 78 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 78 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 74Page - Microsemi Corporation VSC8504-02 Datasheet HTML 75Page - Microsemi Corporation VSC8504-02 Datasheet HTML 76Page - Microsemi Corporation VSC8504-02 Datasheet HTML 77Page - Microsemi Corporation VSC8504-02 Datasheet HTML 78Page - Microsemi Corporation VSC8504-02 Datasheet HTML 79Page - Microsemi Corporation VSC8504-02 Datasheet HTML 80Page - Microsemi Corporation VSC8504-02 Datasheet HTML 81Page - Microsemi Corporation VSC8504-02 Datasheet HTML 82Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
67
4.4.1
Cu PMD Transmit Control
The register at address 16E2 consists of the bits that provide control over the amplitude settings for the
transmit side Cu PMD interface. These bits provide the ability to make small adjustments in the signal
amplitude to compensate for minor variations in the magnetics from different vendors. Extreme caution
must be exercised when changing these settings from the default values as they have a direct impact on
the signal quality. Changing these settings also affects the linearity and harmonic distortion of the
transmitted signals. For help with changing these values, contact your Microsemi representative.
Table 56 •
Cu PMD Transmit Control, Address 16E2 (0x10)
Bit
Name
Access Description
Default
15:12 1000BASE-T signal
amplitude trim(1)
R/W
Sticky bits.
1000BASE-T signal amplitude
1111: -1.7%
1110: -2.6%
1101: -3.5%
1100: -4.4%
1011: -5.3%
1010: -7%
1001: -8.8%
1000: -10.6%
0111: 5.5%
0110: 4.6%
0101: 3.7%
0100: 2.8%
0011: 1.9%
0010: 1%
0001: 0.1%
0000: -0.8%
0000
11:8
100BASE-TX signal
amplitude trim(2)
R/W
Sticky bits.
100BASE-TX signal amplitude
1111: -1.7%
1110: -2.6%
1101: -3.5%
1100: -4.4%
1011: -5.3%
1010: -7%
1001: -8.8%
1000: -10.6%
0111 5.5%
0110: 4.6%
0101: 3.7%
0100: 2.8%
0011: 1.9%
0010: 1%
0001: 0.1%
0000: -0.8%
0010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com