Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 33 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 33 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 29Page - Microsemi Corporation VSC8504-02 Datasheet HTML 30Page - Microsemi Corporation VSC8504-02 Datasheet HTML 31Page - Microsemi Corporation VSC8504-02 Datasheet HTML 32Page - Microsemi Corporation VSC8504-02 Datasheet HTML 33Page - Microsemi Corporation VSC8504-02 Datasheet HTML 34Page - Microsemi Corporation VSC8504-02 Datasheet HTML 35Page - Microsemi Corporation VSC8504-02 Datasheet HTML 36Page - Microsemi Corporation VSC8504-02 Datasheet HTML 37Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
22
3.10.1
Low Power State
In the low power state, all major digital blocks are powered down. However, the SMI interface (MDC,
MDIO, and MDINT) functionality is provided.
In this state, the PHY monitors the media interface pins for signal energy. The PHY comes out of low
power state and transitions to the normal operating state when signal energy is detected on the media.
This happens when the PHY is connected to one of the following:
•
Autonegotiation-capable link partner
•
Another PHY in enhanced ActiPHY LP wake-up state
In the absence of signal energy on the media pins, the PHY periodically transitions from low-power state
to LP wake-up state, based on the programmable sleep timer (register bits 20E1.14:13). The actual sleep
time duration is randomized from –80 ms to 60 ms to avoid two linked PHYs in ActiPHY mode entering a
lock-up state during operation.
3.10.2
Link Partner Wake-Up State
In the link partner wake-up state, the PHY attempts to wake up the link partner. Up to three complete FLP
bursts are sent on alternating pairs A and B of the Cat5 media for a duration based on the wake-up timer,
which is set using register bits 20E1.12:11.
In this state, SMI interface (MDC, MDIO, and MDINT) functionality is provided.
After sending signal energy on the relevant media, the PHY returns to the low power state.
3.10.3
Normal Operating State
In the normal operating state, the PHY establishes a link with a link partner. When the media is
unplugged or the link partner is powered down, the PHY waits for the duration of the programmable link
status time-out timer, which is set using register bit 28.7 and bit 28.2. It then enters the low power state.
3.11
Media Recovered Clock Outputs
For Synchronous Ethernet applications, the VSC8504-02 includes two recovered clock output pins,
RCVRDCLK1 and RCVRDCLK2, controlled by registers 23G and 24G, respectively. The recovered clock
pins are synchronized to the clock of the active media link.
To enable recovered clock output, set register 23G or 24G, bit 15, to 1. By default, the recovered clock
output pins are disabled and held low, including when NRESET is asserted. Registers 23G and 24G also
control the PHY port for clock output, the clock source, the clock frequency (either 25 MHz, 31.25 MHz,
or 125 MHz), and squelch conditions.
Note: When EEE is enabled on a link, the use of the recovered clock output is not recommended due to long
holdovers occurring during EEE Quiet/Refresh cycles.
3.11.1
Clock Selection Settings
On each pin, the recovered clock supports the following sources, as set by registers 23G or 24G, bits 2:0:
•
Fiber SerDes media recovered clock
•
Copper PHY recovered clock
•
Copper PHY media transmitter TCLK output (RCVRDCLK1 only.) For more information, see
Table 64, page 73 and Table 65, page 73.
Note: When using the automatic media sense feature, the recovered clock output cannot automatically change
between each active media. Changing the media source must be managed through the recovered clock
register settings.
Adjust the squelch level to enable 1000BASE-T master mode recovered clock for SyncE operation. This
is accomplished by changing the 23G and 24G register bits 5:4 to 01. This setting also provides clock out
for 10BASE-T operation. For 1000BASE-T master mode, the clock is based on the VSC8504-02
REFCLK input, which is a local clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com