Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 74 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 74 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 70Page - Microsemi Corporation VSC8504-02 Datasheet HTML 71Page - Microsemi Corporation VSC8504-02 Datasheet HTML 72Page - Microsemi Corporation VSC8504-02 Datasheet HTML 73Page - Microsemi Corporation VSC8504-02 Datasheet HTML 74Page - Microsemi Corporation VSC8504-02 Datasheet HTML 75Page - Microsemi Corporation VSC8504-02 Datasheet HTML 76Page - Microsemi Corporation VSC8504-02 Datasheet HTML 77Page - Microsemi Corporation VSC8504-02 Datasheet HTML 78Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
63
4.3.3
Extended Mode Control
Register 19E1 controls the extended LED and other chip modes. The following table shows the settings
available.
13:0 Cu Media CRC good
counter contents
RO
Self-clearing bit. Counter containing the
number of packets with valid CRCs modulo
10,000; this counter does not saturate and
will roll over to zero on the next good packet
received after 9,999.
0x000
Table 50 •
Extended Mode Control, Address 19E1 (0x13)
Bit
Name
Access Description
Default
15
LED3 Extended Mode
R/W
Sticky bit.
1: See Extended LED Modes, page 27
0
14
LED2 Extended Mode
R/W
Sticky bit.
1: See Extended LED Modes, page 27
0
13
LED1 Extended Mode
R/W
Sticky bit.
1: See Extended LED Modes, page 27
0
12
LED0 Extended Mode
R/W
Sticky bit.
1: See Extended LED Modes, page 27
0
11
LED Reset Blink Suppress R/W
Sticky bit.
1: Blink LEDs after COMA_MODE is
de-asserted
0: Suppress LED blink after COMA_MODE
is de-asserted
0
10:5 Reserved
RO
Reserved
0
4
Fast link failure
R/W
Sticky bit.
Enable fast link failure pin. This must be
done from PHY0 only.
1: Enabled
0: Disabled (GPIO9 pin becomes general
purpose I/O)
0
3:2
Force MDI crossover
R/W
Sticky bits.
00: Normal HP Auto-MDIX operation
01: Reserved
10: Copper media forced to MDI
11: Copper media forced MDI-X
00
1
Reserved
RO
Reserved
0
GPIO[3:0]/SIGDET[3:0] pin
polarity
R/W
Sticky bit.
1: Active low
0: Active high
0
Table 49 •
Cu Media CRC Good Counter, Address 18E1 (0x12) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com