Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 37 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 37 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 33Page - Microsemi Corporation VSC8504-02 Datasheet HTML 34Page - Microsemi Corporation VSC8504-02 Datasheet HTML 35Page - Microsemi Corporation VSC8504-02 Datasheet HTML 36Page - Microsemi Corporation VSC8504-02 Datasheet HTML 37Page - Microsemi Corporation VSC8504-02 Datasheet HTML 38Page - Microsemi Corporation VSC8504-02 Datasheet HTML 39Page - Microsemi Corporation VSC8504-02 Datasheet HTML 40Page - Microsemi Corporation VSC8504-02 Datasheet HTML 41Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
26
The following table provides a summary of the LED modes and functions.
Table 7 •
LED Mode and Function Summary
Mode Function Name
LED State and Description
0
Link/Activity
1: No link in any speed on any media interface.
0: Valid link at any speed on any media interface.
Blink or pulse-stretch = Valid link at any speed on any media
interface with activity present.
1
Link1000/Activity
1: No link in 1000BASE-T or 1000BASE-X.
0: Valid 1000BASE-T or 1000BASE-X.
Blink or pulse-stretch = Valid 1000BASE-T or 1000BASE-X
link with activity present.
2
Link100/Activity
1: No link in 100BASE-TX or 100BASE-FX.
0: Valid 100BASE-TX or 100BASE-FX.
Blink or pulse-stretch = Valid 100BASE-TX or 100BASE-FX
link with activity present.
3
Link10/Activity
1: No link in 10BASE-T.
0: Valid 10BASE-T link.
Blink or pulse-stretch = Valid 10BASE-T link with activity
present.
4
Link100/1000/Activity
1: No link in 100BASE-TX, 100BASE-FX, 1000BASE-X, or
1000BASE-T.
0: Valid 100BASE-TX, 100BASE-FX, 1000BASE-X, or
1000BASE-T link. Blink or pulse-stretch = Valid 100BASE-TX,
100BASE-FX, 1000BASE-X, or 1000BASE-T link with activity
present.
5
Link10/1000/Activity
1: No link in 10BASE-T, 1000BASE-X, or 1000BASE-T.
0: Valid 10BASE-T, 1000BASE-X, or 1000BASE-T link.
Blink or pulse-stretch = Valid 10BASE-T, 1000BASE-X, or
1000BASE-T link with activity present.
6
Link10/100/Activity
1: No link in 10BASE-T, 100BASE-FX, or 100BASE-TX.
0: Valid 10BASE-T, 100BASE-FX, or 100BASE-TX link.
Blink or pulse-stretch = Valid 10BASE-T, 100BASE-FX, or
100BASE-TX link with activity present.
7
Link100BASE-FX/1000BAS
E-X/Activity
1: No link in 100BASE-FX or 1000BASE-X.
0: Valid 100BASE-FX or 1000BASE-X link.
Blink or pulse-stretch = Valid 100BASE-FX or 1000BASE-X
link with activity present.
8
Duplex/Collision
1: Link established in half-duplex mode, or no link established.
0: Link established in full-duplex mode.
Blink or pulse-stretch = Link established in half-duplex mode
but collisions are present.
9
Collision
1: No collision detected.
Blink or pulse-stretch = Collision detected.
10
Activity
1: No activity present.
Blink or pulse-stretch = Activity present (becomes TX activity
present when register bit 30.14 is set to 1).
11
100BASE-FX/1000BASE-X
Fiber Activity
1: No 100BASE-FX or 1000BASE-X activity present.
Blink or pulse-stretch = 100BASE-FX or 1000BASE-X activity
present (becomes RX activity present when register bit 30.14
is set to 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com