Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 72 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 72 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 68Page - Microsemi Corporation VSC8504-02 Datasheet HTML 69Page - Microsemi Corporation VSC8504-02 Datasheet HTML 70Page - Microsemi Corporation VSC8504-02 Datasheet HTML 71Page - Microsemi Corporation VSC8504-02 Datasheet HTML 72Page - Microsemi Corporation VSC8504-02 Datasheet HTML 73Page - Microsemi Corporation VSC8504-02 Datasheet HTML 74Page - Microsemi Corporation VSC8504-02 Datasheet HTML 75Page - Microsemi Corporation VSC8504-02 Datasheet HTML 76Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
61
Note: Bits 30.11:10 are active only in port 0 and affect the behavior of LEDs for all the ports.
4.2.28
Extended Page Access
To provide functionality beyond the IEEE 802.3-specified registers and main device registers, the
VSC8504-02 includes an extended set of registers that provide an additional 15 register spaces.
The register at address 31 controls the access to the extended registers for the VSC8504-02. Accessing
the GPIO page register space is similar to accessing the extended page registers. The following table
shows the settings available.
4.3
Extended Page 1 Registers
To access the extended page 1 registers (16E1–30E1), enable extended register access by writing
0x0001 to register 31. Writing 0x0000 to register 31 restores the main register access.
When extended page 1 register access is enabled, reads and writes to registers 16–30 affect the
extended registers 16E1–30E1 instead of those same registers in the IEEE-specified register space.
Registers 0–15 are not affected by the state of the extended page register access.
1LED1 combine
feature disable
R/W
Sticky bit
0: Combine enabled (link/activity,
duplex/collision)
1: Disable combination (link only, duplex only)
0
0LED0 combine
feature disable
R/W
Sticky bit
0: Combine enabled (link/activity,
duplex/collision)
1: Disable combination (link only, duplex only)
0
Table 46 •
Extended/GPIO Register Page Access, Address 31 (0x1F)
Bit
Name
Access Description
Default
15:0 Extended/GPIO page
register access
R/W
0x0000: Register 16–30 accesses main register
space. Writing 0x0000 to register 31 restores the
main register access.
0x0001: Registers 16–30 access extended
register space 1
0x0002: Registers 16–30 access extended
register space 2
0x0003: Registers 16–30 access extended
register space 3
0x0010: Registers 0–30 access GPIO register
space
0x0000
Table 47 •
Extended Registers Page 1 Space
Address
Name
16E1
SerDes Media Control
17E1
Reserved
18E1
Cu Media CRC good counter
19E1
Extended mode and SIGDET control
20E1
Extended PHY control 3 (ActiPHY)
21E1–22E1 Reserved
Table 45 •
LED Behavior, Address 30 (0x1E) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com