Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 71 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 71 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 67Page - Microsemi Corporation VSC8504-02 Datasheet HTML 68Page - Microsemi Corporation VSC8504-02 Datasheet HTML 69Page - Microsemi Corporation VSC8504-02 Datasheet HTML 70Page - Microsemi Corporation VSC8504-02 Datasheet HTML 71Page - Microsemi Corporation VSC8504-02 Datasheet HTML 72Page - Microsemi Corporation VSC8504-02 Datasheet HTML 73Page - Microsemi Corporation VSC8504-02 Datasheet HTML 74Page - Microsemi Corporation VSC8504-02 Datasheet HTML 75Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
60
4.2.27
LED Behavior
The bits in register 30 control and enable you to read the status of the pulse or blink rate of the device
LEDs. The following table shows the settings you can write to the register or read from the register.
Table 45 •
LED Behavior, Address 30 (0x1E)
Bit
Name
Access Description
Default
15
Copper and fiber
LED combine disable
R/W
Sticky bit
0: Combine enabled (Copper/Fiber on
link/linkXXXX/activity LED)
1: Disable combination (link/linkXXXX/activity
LED; indicates copper only)
0
14
Activity output select R/W
Sticky bit
1: Activity LED becomes TX_Activity and fiber
activity LED becomes RX_Activity
0: TX and RX activity both displayed on activity
LEDs
0
13
Reserved
RO
Reserved
12
LED pulsing enable
R/W
Sticky bit
0: Normal operation
1: LEDs pulse with a 5 kHz, programmable duty
cycle when active
0
11:10
LED blink/pulse-
stretch rate
R/W
Sticky bit
00: 2.5 Hz blink rate/400 ms pulse-stretch
01: 5 Hz blink rate/200 ms pulse-stretch
10: 10 Hz blink rate/100 ms pulse-stretch
11: 20 Hz blink rate/50 ms pulse-stretch
The blink rate selection for PHY0 globally sets
the rate used for all LED pins on all PHY ports
01
9
Reserved
RO
Reserved
8
LED3 pulse-
stretch/blink select
R/W
Sticky bit
1: Pulse-stretch
0: Blink
0
7
LED2 pulse-
stretch/blink select
R/W
Sticky bit
1: Pulse-stretch
0: Blink
0
6
LED1 pulse-
stretch/blink select
R/W
Sticky bit
1: Pulse-stretch
0: Blink
0
5
LED0 pulse-
stretch/blink select
R/W
Sticky bit
1: Pulse-stretch
0: Blink
0
4
Reserved
RO
Reserved
3LED3 combine
feature disable
R/W
Sticky bit
0: Combine enabled (link/activity,
duplex/collision)
1: Disable combination (link only, duplex only)
0
2LED2 combine
feature disable
R/W
Sticky bit
0: Combine enabled (link/activity,
duplex/collision)
1: Disable combination (link only, duplex only)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com