Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 43 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 43 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 39Page - Microsemi Corporation VSC8504-02 Datasheet HTML 40Page - Microsemi Corporation VSC8504-02 Datasheet HTML 41Page - Microsemi Corporation VSC8504-02 Datasheet HTML 42Page - Microsemi Corporation VSC8504-02 Datasheet HTML 43Page - Microsemi Corporation VSC8504-02 Datasheet HTML 44Page - Microsemi Corporation VSC8504-02 Datasheet HTML 45Page - Microsemi Corporation VSC8504-02 Datasheet HTML 46Page - Microsemi Corporation VSC8504-02 Datasheet HTML 47Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
32
3.17
Testing Features
The VSC8504-02 device includes several testing features designed to facilitate performing system-level
debugging and in-system production testing. This section describes the available features.
3.17.1
Ethernet Packet Generator
The Ethernet packet generator (EPG) can be used at each of the 10/100/1000BASE-T speed settings for
copper Cat5 media and fiber media to isolate problems between the MAC and the VSC8504-02, or
between a locally connected PHY and its remote link partner. Enabling the EPG feature effectively
disables all MAC interface transmit pins and selects the EPG as the source for all data transmitted onto
the twisted pair interface. This feature is not used when the SerDes media is set to pass-through mode.
Important The EPG is intended for use with laboratory or in-system testing equipment only. Do not use
the EPG testing feature when the VSC8504-02 is connected to a live network.
To enable the VSC8504-02 EPG feature, set the device register bit 29E1.15 to 1.
When the EPG is enabled, packet loss occurs during transmission of packets from the MAC to the PHY.
However, the PHY receive output pins to the MAC are still active when the EPG is enabled. When it is
necessary to disable the MAC receive pins as well, set the register bit 0.10 to 1.
When the device register bit 29E1.14 is set to 1, the PHY begins transmitting Ethernet packets based on
the settings in registers 29E1 and 30E1. These registers set:
•
Source and destination addresses for each packet
•
Packet size
•
Interpacket gap
•
FCS state
•
Transmit duration
•
Payload pattern
When register bit 29E1.13 is set to 0, register bit 29E1.14 is cleared automatically after 30,000,000
packets are transmitted.
3.17.2
CRC Counters
Two sets of cyclical redundancy check (CRC) counters are available in all PHYs in VSC8504-02. One set
monitors traffic on the copper interface and the other set monitors traffic on the SerDes interface.
The device CRC counters operate in the 100BASE-FX/1000BASE-X over SerDes mode as well as in the
10/100/1000BASE-T mode as follows:
After receiving a packet on the media interface, register bit 15 in register 18E1 or register 28E3 is set and
cleared after being read.
The packet then is counted by either the good CRC counter or the bad CRC counter.
Both CRC counters are also automatically cleared when read.
The good CRC counter’s highest value is 9,999 packets. After this value is reached, the counter clears
on the 10,000th packet and continues to count additional packets beyond that value. The bad CRC
counter stops counting when it reaches its maximum counter limit of 255 packets.
GPIO4/I2C_SCL_0
13G.9:8.
15G.4
16G.4
17G.4
GPIO5/I2C_SCL_1
13G.11:10
15G.5
16G.5
17G.5
GPIO6/I2C_SCL_2
13G.13:12
15G.6
16G.6
17G.6
GPIO7/I2C_SCL_3
13G.15:14
15G.7
16G.7
17G.7
GPIO8/I2C_SDA
14G.1:0
15G.8
16G.8
17G.8
GPIO9/FASTLINK_FAIL
14G.3:2
15G.9
16G.9
17G.9
Table 10 •
Register Bits for GPIO Control and Status (continued)
GPIO Pin
GPIO_ctrl
GPIO Input
GPIO Output
GPIO Output Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com