Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 121 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 121 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 117Page - Microsemi Corporation VSC8504-02 Datasheet HTML 118Page - Microsemi Corporation VSC8504-02 Datasheet HTML 119Page - Microsemi Corporation VSC8504-02 Datasheet HTML 120Page - Microsemi Corporation VSC8504-02 Datasheet HTML 121Page - Microsemi Corporation VSC8504-02 Datasheet HTML 122Page - Microsemi Corporation VSC8504-02 Datasheet HTML 123Page - Microsemi Corporation VSC8504-02 Datasheet HTML 124Page - Microsemi Corporation VSC8504-02 Datasheet HTML 125Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 131 page
background image
Pin Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
110
application. No power supply sequencing is required. However, clock and power must be stable before
releasing Reset.
6.3.5
SGMII/SerDes/QSGMII MAC Interface
The following table lists the SerDes MAC interface pins.
Table 130 •
Power Supply Pins
Name
Pin
Type
Description
VDD1_[1:18]
E5, E12, F5, F12, G5, G12,
H5, H12, J5, J12, K5, K12,
L5, L12, M5, M12, N5, N12
1.0 V
1.0 V internal digital logic.
VDD1A_[1:10]
C7, C8, C9, C13, P6, P7, P8,
P9, P10, P11
1.0 V
1.0 V analog power requiring additional
PCB power supply filtering. Associated
with the QSGMII/SGMII MAC receiver
output pins.
VDD25_[1:4]
H13, M4, M13, P3
2.5 V
2.5 V general digital power supply.
Associated with the LED, GPIO, JTAG,
twisted pair interface, reference filter,
reference external supply connect, and
recovered clock pins.
VDD25A_[1:10]
C2, C4, C6, C11, C14, E4,
E13, P5, P12, P13
2.5 V
2.5 V general analog power supply.
VSS_[1:4]
VSS_[6:78]
B1, B16, C5, C12
D5, D6, D7, D8, D9, D10,
D11, D12, E6, E7, E8, E9,
E10, E11, F4, F6, F7, F8, F9,
F10, F11, G6, G7, G8, G9,
G10, G11, H6, H7, H8, H9,
H10, H11, J6, J7, J8, J9, J10,
J11, K6, K7, K8, K9, K10,
K11, L6, L7, L8, L9, L10, L11,
M6, M7, M8, M9, M10, M11,
N6, N7, N8, N9, N10, N11,
R1, R16, D14, E14, F13, F15,
G15, H15, H16, J13
0 V
General device ground.
Table 131 •
SerDes MAC Interface Pins
Name
Pin
Type
Description
RDN_0
RDP_0
P16
P15
O, ADIFF PHY0 QSGMII/SGMII/SerDes MAC receiver output pair.
RDN_1
RDN_2
RDN_3
RDP_1
RDP_2
RDP_3
T12
T8
T4
R12
R8
R4
O, ADIFF SGMII/SerDes MAC receiver output pair.
SerDes_Rext_0
P14
ABIAS
SerDes bias pins. Connect to a 620
Ω 1% resistor between
SerDes_Rext_0 and SerDes_Rext_1.
SerDes_Rext_1
N13
ABIAS
SerDes bias pins. Connect to a 620
Ω 1% resistor between
SerDes_Rext_0 and SerDes_Rext_1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com