Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 113 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 113 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 109Page - Microsemi Corporation VSC8504-02 Datasheet HTML 110Page - Microsemi Corporation VSC8504-02 Datasheet HTML 111Page - Microsemi Corporation VSC8504-02 Datasheet HTML 112Page - Microsemi Corporation VSC8504-02 Datasheet HTML 113Page - Microsemi Corporation VSC8504-02 Datasheet HTML 114Page - Microsemi Corporation VSC8504-02 Datasheet HTML 115Page - Microsemi Corporation VSC8504-02 Datasheet HTML 116Page - Microsemi Corporation VSC8504-02 Datasheet HTML 117Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 131 page
background image
Electrical Specifications
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
102
Figure 46 •
JTAG Interface Timing Diagram
Figure 47 •
Test Circuit for TDO Disable Time
5.2.11
Serial Management Interface
This section contains the AC specifications for the serial management interface (SMI).
Table 122 •
Serial Management Interface AC Characteristics
Parameter
Symbol Minimum
Typical
Maximum
Unit Condition
MDC
frequency(1)
fCLK
2.5
12.5
MHz
MDC cycle time tCYC
80
400
ns
MDC time high
tWH
20
50
ns
MDC time low
tWL
20
50
ns
Setup to MDC
rising
tSU
10
ns
Hold from MDC
rising
tH
10
ns
MDC rise time
tR
100
tCYC × 10%(1)
ns
MDC = 0: 1 MHz
MDC = 1:
MHz – fCLK maximum
TCK
TDI
TMS
TDO
tH(TDO)
tc
tW(CH)
tW(CL)
tSU
tH
tDIS
See definition
tV(C)
nTRST
tW(TL)
5 pF
F rom output under test
500
Ω
500
Ω
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com