Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 109 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 109 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 105Page - Microsemi Corporation VSC8504-02 Datasheet HTML 106Page - Microsemi Corporation VSC8504-02 Datasheet HTML 107Page - Microsemi Corporation VSC8504-02 Datasheet HTML 108Page - Microsemi Corporation VSC8504-02 Datasheet HTML 109Page - Microsemi Corporation VSC8504-02 Datasheet HTML 110Page - Microsemi Corporation VSC8504-02 Datasheet HTML 111Page - Microsemi Corporation VSC8504-02 Datasheet HTML 112Page - Microsemi Corporation VSC8504-02 Datasheet HTML 113Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 131 page
background image
Electrical Specifications
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
98
Figure 43 •
QSGMII Transient Parameters
5.2.7.1
Enhanced SerDes Outputs
The following table provides the AC specifications for the enhanced SerDes outputs in SGMII mode.
The following table provides the AC specifications for the enhanced SerDes outputs in QSGMII mode.
Table 113 •
Enhanced SerDes Outputs AC Specifications, SGMII Mode
Parameter
Symbol
Minimum
Maximum
Unit Condition
Unit interval, 1.25G mode
UI
800 ps
VOD ringing compared to VS
VRING
±10
%
RL =100 Ω ±1%
VOD rise time and fall time
tR, tF
100
200
ps
20% to 80% of VS
RL =100 Ω ±1%
Differential peak-to-peak output
voltage
VOD
30
mV
Tx disabled
Differential output return loss,
50 MHz to 625 MHz
RLO_DIFF ≥10
dB
RL =100 Ω ±1%
Differential output return loss,
625 MHz to 1250 MHz
RLO_DIFF 10–10 × log
(ƒ/625 MHz)
dB
RL =100 Ω ±1%
Common-mode return loss,
50 MHz to 625 MHz
RLOCM
6dB
Intrapair skew
tSKEW
20
ps
Table 114 •
Enhanced SerDes Outputs AC Specifications, QSGMII Mode
Parameter
Symbol
Minimum
Maximum
Unit Condition
Unit interval, 5G
UI
200 ps
VOD rise time and fall time tR, tF
30
96
ps
20% to 80% of VS
RL = 100 Ω ±1%
Differential peak-to-peak
output voltage
VOD
30
mV
Tx disabled
Differential output return
loss, 100 MHz to 2.5 GHz
RLO_DIFF 8dB
RL = 100 Ω ±1%
Differential output return
loss, 2.5 GHz to 5 GHz
RLO_DIFF 8dB– 16.6log
(ƒ/2.5 GHz)
dB
RL = 100 Ω ±1%
Eye mask X1
T_X1
0.15
UI
Eye mask X2
T_X2
0.4
UI
R_Y2
R_Y1
–R_Y1
–R_Y2
0
T_Y2
T_Y1
–T_Y1
–T_Y2
0
0
Time (UI)
0
1.0
T_X1
T_X2
1–T_X2
R_X1
0.5
1–R_X1
1.0
Time (UI)
Transmitter Eye Mask
Receiver Eye Mask
1–T_X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com