Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 107 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 107 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 103Page - Microsemi Corporation VSC8504-02 Datasheet HTML 104Page - Microsemi Corporation VSC8504-02 Datasheet HTML 105Page - Microsemi Corporation VSC8504-02 Datasheet HTML 106Page - Microsemi Corporation VSC8504-02 Datasheet HTML 107Page - Microsemi Corporation VSC8504-02 Datasheet HTML 108Page - Microsemi Corporation VSC8504-02 Datasheet HTML 109Page - Microsemi Corporation VSC8504-02 Datasheet HTML 110Page - Microsemi Corporation VSC8504-02 Datasheet HTML 111Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 131 page
background image
Electrical Specifications
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
96
5.2.3
SerDes Outputs
The values listed in the following table are valid for all configurations, unless otherwise noted.
Recovered clock cycle
time
tRCYC
32.0
ns
Recovered clock cycle
time
tRCYC
40.0
ns
Frequency stability
ƒSTABILITY
50
ppm
Duty cycle, master
mode
DC
40
50
60
%
Clock rise time and
fall time
tR, tF
600
ps
20% to 80%
Peak-to-peak jitter,
copper media
interface (1000BASE-
T slave mode)
JPPCLK_Cu
400
ps
10K samples
Peak-to-peak jitter,
fiber media interface,
100BASE-FX
JPPCLK_FiFX
1.2
ns
10K samples
Peak-to-peak jitter,
fiber media interface,
1000BASE-X
JPPCLK_FiX
250
ps
10K samples
Table 109 •
SerDes Outputs AC Specifications
Parameter
Symbol
Minimum
Maximum
Unit
Condition
VOD ringing compared to
VS, SGMII mode
VRING
±10
%
RL = 100
Ω ±1%
VOD rise time and fall time,
SGMII mode
tR, tF
100
200
ps
20% to 80% of VS
RL = 100
Ω ±1%
Differential peak-to-peak
output voltage
VOD
30
mV
Tx disabled
Differential output return
loss, 50 MHz to 625 MHz
RLO_DIFF
≥10
dB
RL = 100
Ω ±1%
Differential output return
loss, 625 MHz to
1250 MHz
RLO_DIFF
10–10 × log
(ƒ/625 MHz)
dB
RL = 100
Ω ±1%
Common-mode return
loss, 50 MHz to 625 MHz
RLOCM
6dB
Interpair skew, SGMII
mode
tSKEW
20
ps
Table 108 •
Recovered Clock AC Characteristics (continued)
Parameter
Symbol
Minimum
Typical Maximum
Unit Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com