Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 28 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 28 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 24Page - Analog Devices DFE252012F-R47M Datasheet HTML 25Page - Analog Devices DFE252012F-R47M Datasheet HTML 26Page - Analog Devices DFE252012F-R47M Datasheet HTML 27Page - Analog Devices DFE252012F-R47M Datasheet HTML 28Page - Analog Devices DFE252012F-R47M Datasheet HTML 29Page - Analog Devices DFE252012F-R47M Datasheet HTML 30Page - Analog Devices DFE252012F-R47M Datasheet HTML 31Page - Analog Devices DFE252012F-R47M Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 122 page
background image
Pin Configuration
MAX77542
IRQB
CFG1
IN1
PGND1
SNS1P
BST1
LX2
IN2
MFIO7
MFIO2
LX1
SEL1
MFIO1
TOP VIEW
(BUMP-SIDE DOWN)
60 WLP (4.357mm x 2.557mm x 0.65mm, 0.4mm PITCH)
A
B
C
D
E
1
2
3
4
5
6
SEL2
MFIO8
VDD
VL12
+
SCL
CFG2
PGND2
SDA
SNS2P
BST2
MFIO4
AGND
7
8
F
IN4
LX3
IN3
PGND3
LX4
PGND1
PGND2
BST3
SNS4P
MFIO6
MFIO5
MFIO3
BST4
SNS3P
PGND4
VL34
VIO
10
AGND
9
SNS1N
IN1
IN2
IN3
IN4
LX1
LX2
LX4
LX3
SEL4
SEL3
SNS3N
SYS
CE
PGND3
PGND4
ALT_IN
Pin Description
PIN
NAME
FUNCTION
TYPE
BUCK SWITCHING PHASE
F3
BST1
Phase1 High-Side MOSFET Driver Supply. Connect a 0.1μF ceramic capacitor
between BST1 and LX1.
Power Input
A3
BST2
Phase2 High-Side MOSFET Driver Supply. Connect a 0.1μF ceramic capacitor
between BST2 and LX2.
Power Input
A8
BST3
Phase3 High-Side MOSFET Driver Supply. Connect a 0.1μF ceramic capacitor
between BST3 and LX3.
Power Input
F8
BST4
Phase4 High-Side MOSFET Driver Supply. Connect a 0.1μF ceramic capacitor
between BST4 and LX4.
Power Input
D1, D2
IN1
Phase1 Input. Bypass to PGND1 with a 10μF ceramic capacitor.
Power Input
C1, C2
IN2
Phase2 Input. Bypass to PGND2 with a 10μF ceramic capacitor.
Power Input
C9, C10
IN3
Phase3 Input. Bypass to PGND3 with a 10μF ceramic capacitor.
Power Input
D9, D10
IN4
Phase4 Input. Bypass to PGND4 with a 10μF ceramic capacitor.
Power Input
E1, E2
LX1
Phase1 Switching Node
Power Output
B1, B2
LX2
Phase2 Switching Node
Power Output
B9, B10
LX3
Phase3 Switching Node
Power Output
E9, E10
LX4
Phase4 Switching Node
Power Output
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com