Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 74 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 74 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 70Page - Analog Devices DFE252012F-R47M Datasheet HTML 71Page - Analog Devices DFE252012F-R47M Datasheet HTML 72Page - Analog Devices DFE252012F-R47M Datasheet HTML 73Page - Analog Devices DFE252012F-R47M Datasheet HTML 74Page - Analog Devices DFE252012F-R47M Datasheet HTML 75Page - Analog Devices DFE252012F-R47M Datasheet HTML 76Page - Analog Devices DFE252012F-R47M Datasheet HTML 77Page - Analog Devices DFE252012F-R47M Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 122 page
background image
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
M2_SCFLT
_I
5
O
Buck Master2 Short-Circuit Fault Interrupt
0x0 = Buck Master2 short-circuit fault has
not been detected.
0x1 = Buck Master2 short-circuit fault has
been detected.
M1_SCFLT
_I
4
O
Buck Master1 Short-Circuit Fault Interrupt
0x0 = Buck Master1 short-circuit fault has
not been detected.
0x1 = Buck Master1 short-circuit fault has
been detected.
M4_POKFL
T_I
3
O
Buck Master4 Power-OK Fault Interrupt
0x0 = Buck Master4 power-OK fault has
not been detected.
0x1 = Buck Master4 power-OK fault has
been detected.
M3_POKFL
T_I
2
O
Buck Master3 Power-OK Fault Interrupt
0x0 = Buck Master3 power-OK fault has
not been detected.
0x1 = Buck Master3 power-OK fault has
been detected.
M2_POKFL
T_I
1
O
Buck Master2 Power-OK Fault Interrupt
0x0 = Buck Master2 power-OK fault has
not been detected.
0x1 = Buck Master2 power-OK fault has
been detected.
M1_POKFL
T_I
0
O
Buck Master1 Power-OK Fault Interrupt
0x0 = Buck Master1 power-OK fault has
not been detected.
0x1 = Buck Master1 power-OK fault has
been detected.
BUCK_MSK (0x21)
BIT
7
6
5
4
3
2
1
0
Field
M4_SCFLT
_M
M3_SCFLT
_M
M2_SCFLT
_M
M1_SCFLT
_M
M4_POKFL
T_M
M3_POKFL
T_M
M2_POKFL
T_M
M1_POKFL
T_M
Reset
0x1
0x1
0x1
0x1
0x1
0x1
0x1
0x1
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
M4_SCFLT
_M
7
O
Buck Master4 Short-Circuit Fault Interrupt
Mask
0x0 = Enable M4_SCFLT_I.
0x1 = Mask M4_SCFLT_I.
M3_SCFLT
_M
6
O
Buck Master3 Short-Circuit Fault Interrupt
Mask
0x0 = Enable M3_SCFLT_I.
0x1 = Mask M3_SCFLT_I.
M2_SCFLT
_M
5
O
Buck Master2 Short-Circuit Fault Interrupt
Mask
0x0 = Enable M2_SCFLT_I.
0x1 = Mask M2_SCFLT_I.
M1_SCFLT
_M
4
O
Buck Master1 Short-Circuit Fault Interrupt
Mask
0x0 = Enable M1_SCFLT_I.
0x1 = Mask M1_SCFLT_I.
M4_POKFL
T_M
3
O
Buck Master4 Power-OK Fault Interrupt
Mask
0x0 = Enable M4_POKFLT_I.
0x1 = Mask M4_POKFLT_I.
M3_POKFL
T_M
2
O
Buck Master3 Power-OK Fault Interrupt
Mask
0x0 = Enable M3_POKFLT_I.
0x1 = Mask M3_POKFLT_I.
M2_POKFL
T_M
1
O
Buck Master2 Power-OK Fault Interrupt
Mask
0x0 = Enable M2_POKFLT_I.
0x1 = Mask M2_POKFLT_I.
M1_POKFL
T_M
0
O
Buck Master1 Power-OK Fault Interrupt
Mask
0x0 = Enable M1_POKFLT_I.
0x1 = Mask M1_POKFLT_I.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com