Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 29 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 29 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 25Page - Analog Devices DFE252012F-R47M Datasheet HTML 26Page - Analog Devices DFE252012F-R47M Datasheet HTML 27Page - Analog Devices DFE252012F-R47M Datasheet HTML 28Page - Analog Devices DFE252012F-R47M Datasheet HTML 29Page - Analog Devices DFE252012F-R47M Datasheet HTML 30Page - Analog Devices DFE252012F-R47M Datasheet HTML 31Page - Analog Devices DFE252012F-R47M Datasheet HTML 32Page - Analog Devices DFE252012F-R47M Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 122 page
background image
Pin Description (continued)
PIN
NAME
FUNCTION
TYPE
F1, F2
PGND1
Phase1 Power Ground
Power
Ground
A1, A2
PGND2
Phase2 Power Ground
Power
Ground
A9, A10
PGND3
Phase3 Power Ground
Power
Ground
F9, F10
PGND4
Phase4 Power Ground
Power
Ground
E5
SNS1N
Phase1 Negative Differential Output-Voltage Sensing Input
Analog Input
E4
SNS1P
Phase1 Positive Differential Output-Voltage Sensing Input
Analog Input
B4
SNS2P
Phase2 Positive Differential Output-Voltage Sensing Input. Connect to AGND or
leave unconnected (floating) when Phase2 becomes a slave phase of a
multiphase converter.
Analog Input
B6
SNS3N
Phase3 Negative Differential Output-Voltage Sensing Input. Connect to AGND or
leave unconnected (floating) when Phase3 becomes a slave phase of a
multiphase converter.
Analog Input
B7
SNS3P
Phase3 Positive Differential Output-Voltage Sensing Input. Connect to AGND or
leave unconnected (floating) when Phase3 becomes a slave phase of a
multiphase converter.
Analog Input
E7
SNS4P
Phase4 Positive Differential Output-Voltage Sensing Input. Connect to AGND or
leave unconnected (floating) when Phase4 becomes a slave phase of a
multiphase converter.
Analog Input
INTERNAL BIAS SUPPLY
C6, F6
AGND
Analog (Quiet) Ground
Ground
D6
ALT_IN
Alternative Power Input for VDD, VL12, and VL34. Bypass to AGND with a 2.2μF
ceramic capacitor when used. See the Alternative Low-Voltage Input (ALT_IN)
section for more information.
Power Input
E6
SYS
System Power Input (Supply to Internal VDD, VL12, and VL34 Linear Regulators).
Bypass to AGND with a 2.2μF ceramic capacitor.
Power Input
F5
VDD
Internal Bias Supply Output. Powered from SYS. Bypass to AGND with a 1μF
ceramic capacitor. Do not load this pin externally.
Power Output
F4
VL12
Internal Gate Driver Supply Output for Phase1 and Phase2. Powered from SYS.
Bypass VL12 to PGND with a 2.2μF ceramic capacitor. Do not load this pin
externally.
Power Output
F7
VL34
Internal Gate Driver Supply Output for Phase3 and Phase4. Powered from SYS.
Bypass VL34 to PGND with a 2.2μF ceramic capacitor. Do not load this pin
externally.
Power Output
A6
VIO
I/O Supply Input. Bypass to AGND with a 1µF ceramic capacitor.
Power Input
CONTROL AND SERIAL INTERFACE
A7
CE
Chip Enable Input (Active-High). Enables VDD, VL12, and VL34 regulators and I2C
serial interface. See the Chip Enable (CE) and Internal Bias Supplies section for
more information.
Digital Input
C5
CFG1
Device Configuration1 Selection Input. Connect a selection resistor (RCFG1)
between CFG1 and AGND to configure the I2C slave address and the default
MFIO functions. Default settings can be overwritten through I2C. See the Device
Configuration (CFGx) section for more information.
Analog Input
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com