Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 14 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 14 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 10Page - Analog Devices DFE252012F-R47M Datasheet HTML 11Page - Analog Devices DFE252012F-R47M Datasheet HTML 12Page - Analog Devices DFE252012F-R47M Datasheet HTML 13Page - Analog Devices DFE252012F-R47M Datasheet HTML 14Page - Analog Devices DFE252012F-R47M Datasheet HTML 15Page - Analog Devices DFE252012F-R47M Datasheet HTML 16Page - Analog Devices DFE252012F-R47M Datasheet HTML 17Page - Analog Devices DFE252012F-R47M Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 122 page
background image
Electrical Characteristics—Quad-Phase Configurable Buck Converter (continued)
(VSYS = VINx = 12V, VOUT1 = 0.8V (M1_RNG = 0x0), VOUT2 = 1.1V (M2_RNG = 0x1), VOUT3 = 1.8V (M3_RNG = 0x1), VOUT4 = 3.3V
(M4_RNG = 0x2), single-phase configuration, VCE = 1.8V, VIO = 1.8V, TA = TJ = -40°C to +125°C, typical values are at TA = TJ =
+25°C, unless otherwise noted. Note 2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Ramp-Up Slew Rate
(Note 6)
∆VOUT/∆t
Mx_RU_SR[2:0] = 0x0
0.15
mV/μs
Mx_RU_SR[2:0] = 0x1
0.625
Mx_RU_SR[2:0] = 0x2
1.25
Mx_RU_SR[2:0] = 0x3
2.5
Mx_RU_SR[2:0] = 0x4
5
Mx_RU_SR[2:0] = 0x5
10
Mx_RU_SR[2:0] = 0x6
20
Mx_RU_SR[2:0] = 0x7
40
Ramp-Down Slew Rate
(Note 6)
∆VOUT/∆t
Mx_RD_SR[2:0] = 0x0
-0.15
mV/μs
Mx_RD_SR[2:0] = 0x1
-0.625
Mx_RD_SR[2:0] = 0x2
-1.25
Mx_RD_SR[2:0] = 0x3
-2.5
Mx_RD_SR[2:0] = 0x4
-5
Mx_RD_SR[2:0] = 0x5
-10
Mx_RD_SR[2:0] = 0x6
-20
Mx_RD_SR[2:0] = 0x7
-40
Slew-Rate Accuracy
REFDAC slew-rate accuracy
-5
+5
%
Turn-On Delay
tDLY
Delay from rising
edge of EN_Mx
(MFIOx) signal to
VOUTx ramping
start-off
VLx is pre-enabled
90
110
μs
VLx is not pre-
enabled
110
150
FREQUENCY TRACKING
External Frequency
Tracking Lockable
Range (Note 6)
FFTRAK
Expressed as a percentage of the
nominal frequency set by Mx_FREQ[1:0]
95
105
%
SPREAD-SPECTRUM
Modulation Frequency
(Note 6)
FSS_MOD
Mx_SS_FREQ[1:0] = 0x0
1
kHz
Mx_SS_FREQ[1:0] = 0x1
3
Mx_SS_FREQ[1:0] = 0x2
5
Mx_SS_FREQ[1:0] = 0x3
7
Modulation Envelope
ΔFSS
Mx_SS_ENV[1:0] = 0x1
±8
%
Mx_SS_ENV[1:0] = 0x2
±12
Mx_SS_ENV[1:0] = 0x3
±16
POWER-OK AND SHORT-CIRCUIT PROTECTION
Power-OK Rising
Threshold
VPOK_R
Expressed as a percentage of VOUT
77
82
87
%
Power-OK Falling
Threshold
VPOK_F
Expressed as a percentage of VOUT
73
78
83
%
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com