Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 57 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 57 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 53Page - Analog Devices DFE252012F-R47M Datasheet HTML 54Page - Analog Devices DFE252012F-R47M Datasheet HTML 55Page - Analog Devices DFE252012F-R47M Datasheet HTML 56Page - Analog Devices DFE252012F-R47M Datasheet HTML 57Page - Analog Devices DFE252012F-R47M Datasheet HTML 58Page - Analog Devices DFE252012F-R47M Datasheet HTML 59Page - Analog Devices DFE252012F-R47M Datasheet HTML 60Page - Analog Devices DFE252012F-R47M Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 122 page
background image
AFE
CH2
CH1
MEAS_S
8-BIT
SAR
ADC
CH4
CH3
CH11
ADC DIGITAL LOGIC
ADC_CLK
AVG_CNT[1:0]
CHx_EN[10:0]
CHx_AVG[10:0]
MUX
MEAS_C
•
•
•
Figure 13. ADC Block Diagram
The measurement range and its LSB size for each ADC channel is listed in Table 18.
Table 18. ADC Functions and Measurement Ranges
CHANNEL NUMBER
DESCRIPTION
MEASUREMENT RANGE
LSB SIZE
1
PH1 Output Current (IOUT1)
-6.69A to 9.2475A
62.5mA
2
PH2 Output Current (IOUT2)
-6.69A to 9.2475A
62.5mA
3
PH3 Output Current (IOUT3)
-6.69A to 9.2475A
62.5mA
4
PH4 Output Current (IOUT4)
-6.69A to 9.2475A
62.5mA
5
PH1 Output Voltage (VOUT1)
0V to 1.59375V (M1_RNG = 0x0)
6.25mV
0V to 3.1875V (M1_RNG = 0x1)
12.5mV
0V to 6.375V (M1_RNG = 0x2)
25mV
6
PH2 Output Voltage (VOUT2)
0V to 1.59375V (M2_RNG = 0x0)
6.25mV
0V to 3.1875V (M2_RNG = 0x1)
12.5mV
0V to 6.375V (M2_RNG = 0x2)
25mV
7
PH3 Output Voltage (VOUT3)
0V to 1.59375V (M3_RNG = 0x0)
6.25mV
0V to 3.1875V (M3_RNG = 0x1)
12.5mV
0V to 6.375V (M3_RNG = 0x2)
25mV
8
PH4 Output Voltage (VOUT4)
0V to 1.59375V (M4_RNG = 0x0)
6.25mV
0V to 3.1875V (M4_RNG = 0x1)
12.5mV
0V to 6.375V (M4_RNG = 0x2)
25mV
9
SYS Input Voltage (VSYS)
0V to 6.375V
25mV
0V to 19.125V
75mV
10
Junction Temperature (TJ)
-273°C to +167°C
1.725°C
11
External Input (VMFIOx)
0V to 1.195V
4.6875mV
ADC Enable and Measurement Options
Each individual ADC channel is enabled by setting the CHx_EN bit. The ADC starts sampling the data about 20μs after
the MEAS_S bit is set (single measurement). Once the sampling is completed, it takes about 10μs of conversion time to
upload the readback data into its corresponding data register (ADC_DATAx). In case more than one channel is enabled,
the ADC engine measures all enabled channels one by one and uploads the readback data to the ADC_DATAx registers
in turn. The AVG_CNT[1:0] bits set the number of readings (2, 4, 8, or 16 points) before the ADC uploads the averaged
data into the ADC_DATAx registers.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com