Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 1 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 1 Page - Analog Devices

  DFE252012F-R47M Datasheet HTML 1Page - Analog Devices DFE252012F-R47M Datasheet HTML 2Page - Analog Devices DFE252012F-R47M Datasheet HTML 3Page - Analog Devices DFE252012F-R47M Datasheet HTML 4Page - Analog Devices DFE252012F-R47M Datasheet HTML 5Page - Analog Devices DFE252012F-R47M Datasheet HTML 6Page - Analog Devices DFE252012F-R47M Datasheet HTML 7Page - Analog Devices DFE252012F-R47M Datasheet HTML 8Page - Analog Devices DFE252012F-R47M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 122 page
background image
General Description
The MAX77542 is a high-efficiency step-down converter
with four 4A switching phases. It uses an adaptive con-
stant on-time (COT) current-mode control scheme and its
flexible architecture supports five phase configurations. Its
wide input-voltage range enables a direct conversion for
less than 1V outputs from 1 to 3-cell Li+ batteries and USB
power delivery (PD) supply rails. The output voltages are
preset with resistors and are further adjustable through an
I2C-compatible interface.
Flexible sequencer and programmable soft-start/soft-stop
slew rates provide controlled transitions between operat-
ing states. Programmable switching frequency, frequen-
cy tracking, and spread-spectrum features allow easier
system optimization for noise-sensitive applications. Mul-
tifunction I/Os allow for flexible control of each output for
EN, LPM, FPWM, POK, RSTINB, and RSTOB status. An
array of built-in protections ensures safe operation under
abnormal operating conditions.
Applications
● 1 to 3-Cell Li+ and USB-C Power Delivery Systems
● Audio/Video Equipment and PCIe/RAID Cards
● Application Processors, FPGAs, DSPs, and ASICs
Benefits and Features
● 2.8V to 16V Input-Voltage Range
● 0.3V to 5.2V Output-Voltage Range
● Max 16A (4A/Φ) with Five Phase Configurations
● ±0.5% VOUT Accuracy (Default VOUT at +25°C)
● 94% Peak Efficiency (7.6VIN, 3.3VOUT, 1MHz)
● Auto Skip/PWM Transition and Low-Power Mode
● Drop-Out Operation with 98% of Max Duty Cycle
● Differential Output-Voltage Sensing
● Flexible Sequencer with Soft-Start/Soft-Stop Slew
Rates
● Prebiased Startup and Active Output Discharge
● 0.5MHz/1.0MHz/1.5MHz Nominal Switching
Frequency
● Spread-Spectrum Modulation for EMI Reduction
● Internal/External Frequency Tracking
● Default VOUT and Phase Configuration Setting by
RSELx
● Multifunction I/Os for EN, LPM, FPWM, and POK
● UVLO, Thermal-Shutdown, and Short-Circuit
Protection
● High-Speed, I2C Serial Interface
● Available in 60-Bump WLP (4.36mm x 2.56mm x
0.65mm)
● Less than 115mm2 Total Solution Size with 2520
Inductors
Typical Applications Circuit
1Φ
+
1Φ
+
1Φ
+
1Φ
4A
PHASE-CONFIGURABLE
QUAD-OUTPUT
4A
4A
4A
2Φ
+
2Φ
4Φ
16A
2Φ
+
1Φ
+
1Φ
4A
4A
8A
3Φ
+
1Φ
12A
4A
8A
8A
VOUT1 (0.3V TO 5.2V)
PGND1
LX1
PGND2
LX2
SNS1P
SNS2P
SYS
IRQB
SCL
AGND
SDA
CFG1
MAX77542
1+1+1+1
CONFIGURATION
IN1
BST1
BST2
SEL4
CE
MFIO1
MFIO2
VDD
VL12
VIO
DC POWER SOURCE
(2.8V TO 16V)
DC POWER SOURCE
(2.8V TO 16V)
VOUT2 (0.3V TO 5.2V)
IN2
DC POWER SOURCE
(2.8V TO 16V)
VOUT3 (0.3V TO 5.2V)
PGND3
LX3
PGND4
LX4
SNS3P
SNS4P
IN3
BST3
BST4
DC POWER SOURCE
(2.8V TO 16V)
VOUT4 (0.3V TO 5.2V)
IN4
DC POWER SOURCE
(2.8V TO 16V)
SEL3
MFIO3
MFIO4
VIO
MFIO8
MFIO5
MFIO7
MFIO6
SNS3N
SNS1N
SEL2
SEL1
CFG2
VL34
ALT_IN
Click here to ask an associate for production status of specific part numbers.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
EVALUATION KIT AVAILABLE
Typical Application Circuits continued at end of data sheet.
Ordering Information appears at end of data sheet.
19-101666; Rev 0; 2/23
© 2023 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887 U.S.A. | Tel: 781.329.4700 | © 2023 Analog Devices, Inc. All rights reserved.


Similar Part No. - DFE252012F-R47M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE252012F-R47M TOKO-DFE252012F-R47M Datasheet
228Kb / 1P
Magnetically shielded, low audible core noise
DFE252012F-R47M TOKO-DFE252012F-R47M Datasheet
228Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE252012F-R47M MURATA-DFE252012F-R47M Datasheet
982Kb / 2P
Inductor
More results

Similar Description - DFE252012F-R47M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
STMicroelectronics
A22H165M STMICROELECTRONICS-A22H165M Datasheet
1Mb / 32P
Integrated high-efficiency buck converter
06-Mar-2014
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Maxim Integrated Produc...
MAX77874 MAXIM-MAX77874 Datasheet
1Mb / 37P
16A High-Performance Quad-Phase Buck Regulator for Multicore CPU and GPU Processors
Rev 0; 11/16
MAX77812 MAXIM-MAX77812_V01 Datasheet
2Mb / 69P
20A User-Configurable Quad-Phase Buck Converter
2020
MAX77540 MAXIM-MAX77540 Datasheet
1Mb / 55P
16VIN/6A, Dual-Phase High-Efficiency Buck Converter
2021
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com