Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 12 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 12 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 8Page - Analog Devices DFE252012F-R47M Datasheet HTML 9Page - Analog Devices DFE252012F-R47M Datasheet HTML 10Page - Analog Devices DFE252012F-R47M Datasheet HTML 11Page - Analog Devices DFE252012F-R47M Datasheet HTML 12Page - Analog Devices DFE252012F-R47M Datasheet HTML 13Page - Analog Devices DFE252012F-R47M Datasheet HTML 14Page - Analog Devices DFE252012F-R47M Datasheet HTML 15Page - Analog Devices DFE252012F-R47M Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 122 page
background image
Electrical Characteristics—Quad-Phase Configurable Buck Converter (continued)
(VSYS = VINx = 12V, VOUT1 = 0.8V (M1_RNG = 0x0), VOUT2 = 1.1V (M2_RNG = 0x1), VOUT3 = 1.8V (M3_RNG = 0x1), VOUT4 = 3.3V
(M4_RNG = 0x2), single-phase configuration, VCE = 1.8V, VIO = 1.8V, TA = TJ = -40°C to +125°C, typical values are at TA = TJ =
+25°C, unless otherwise noted. Note 2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC Output-Voltage
Accuracy
VOUT_ACC
1Φ, FPWM mode,
VINx = 2.8V to 16V,
IOUT = 0A, TA = TJ
= 0°C to +85°C
0.3V ≤ VOUT <
0.5V (Mx_RNG =
0x0)
-3.0
+3.0
%
0.5V ≤ VOUT <
0.8V (Mx_RNG =
0x0)
-2.0
+2.0
0.8V ≤ VOUT ≤
1.3V (Mx_RNG =
0x0)
-1.0
+1.0
0.6V ≤ VOUT <
1.2V (Mx_RNG =
0x1)
-3.0
+3.0
%
1.2V ≤ VOUT <
1.9V (Mx_RNG =
0x1)
-1.5
+1.5
1.9V ≤ VOUT ≤
2.6V (Mx_RNG =
0x1)
-1.0
+1.0
1.2V ≤ VOUT <
2.2V (Mx_RNG =
0x2)
-3.0
+3.0
2.2V ≤ VOUT <
3.6V (Mx_RNG =
0x2)
-1.5
+1.5
3.6V ≤ VOUT ≤
5.2V (Mx_RNG =
0x2)
-1.0
+1.0
1Φ, FPWM mode,
VINx = 2.8V to 16V,
IOUT = 0A
VOUT = factory
default, TJ = +25°C
-0.5
+0.5
POWER STAGE
High-Side MOSFET
Peak Current Limit
IPLIM
Mx_ILIM[1:0] = 0x0
3.1
3.5
3.9
A
Mx_ILIM[1:0] = 0x1
4.0
4.5
5.0
Mx_ILIM[1:0] = 0x2
4.9
5.5
6.1
Mx_ILIM[1:0] = 0x3
5.4
6.0
6.6
Low-Side MOSFET
Valley Current Limit
IVLIM
Tracks IPLIM
IPLIM - 1
A
Low-Side MOSFET
Negative Current Limit
INLIM
FPWM mode
-3.6
-3.0
-2.4
A
Low-Side MOSFET
Zero-Crossing Current
Threshold
IZX
Skip or LP-skip mode
150
mA
High-Side MOSFET On-
Resistance
RON_HS
1Φ, ILXx = 190mA
35
70
mΩ
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com