Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 16 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 16 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 12Page - Analog Devices DFE252012F-R47M Datasheet HTML 13Page - Analog Devices DFE252012F-R47M Datasheet HTML 14Page - Analog Devices DFE252012F-R47M Datasheet HTML 15Page - Analog Devices DFE252012F-R47M Datasheet HTML 16Page - Analog Devices DFE252012F-R47M Datasheet HTML 17Page - Analog Devices DFE252012F-R47M Datasheet HTML 18Page - Analog Devices DFE252012F-R47M Datasheet HTML 19Page - Analog Devices DFE252012F-R47M Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 122 page
background image
Electrical Characteristics—ADC
(VSYS = 12V, VCE = 1.8V, VIO = 1.8V, TA = TJ = -40°C to +125°C, typical values are at TA = TJ = +25°C, unless otherwise noted. Note
2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
READBACK ACCURACY (Note 7)
Output-Current
Readback Accuracy
IOUT_ADC
1Φ, IOUT =
IOUT(MAX)
TJ = -40°C to
+85°C
5
%
TJ = +125°C
7.5
Output-Voltage
Readback Accuracy
VOUT_ADC
TJ = -40°C to +85°C
3
%
TJ = +125°C
5
SYS Input-Voltage
Readback Accuracy
VSYS_ADC
3.0V ≤ VSYS ≤ 16V
TJ = -40°C to
+85°C
3
%
TJ = +125°C
5
Junction Temperature
Readback Accuracy
TJ_ADC
TJ = +85°C to +125°C
5
%
MFIO Voltage Readback
Accuracy
VMFIO_ADC
TJ = -40°C to +85°C
3
%
TJ = +125°C
5
TIMING (Note 6)
Clock Frequency
fADC
1
MHz
ADC Startup Time
tADC_SU
One of buck outputs is enabled
22
μs
All buck outputs are disabled
26
ADC Sampling Time
tSAMPLE
Per channel
IOUTx, TJ
1
ms
VOUTx, VSYS,
VMFIOx
18
μs
Conversion Time
tCONV
Per channel
18
μs
Sampling Interval for
Averaging Mode
tINT_AVG
Sampling interval for the same channel in
averaging mode
5
ms
Sampling Interval for
Continuous
Measurement
tINT_CONT
Sampling interval for the same channel
during continuous measurement
operation
1
s
Electrical Characteristics—I2C Serial Interface
(VSYS = 12V, VCE = 1.8V, VIO = 1.8V, TA = TJ = -40°C to +125°C, typical values are at TA = TJ = +25°C, unless otherwise noted. Note
2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I/O STAGE
VIO Supply Voltage
VIO
1.1
1.8
2.0
V
VIO Dynamic Supply
Current
IIO
fSCL = fSDA = 3.4MHz, VCE = 1.8V, all
bucks are disabled
5
μA
SYS Dynamic Supply
Current
ISYS
fSCL = fSDA = 3.4MHz, VCE = 1.8V, all
bucks are disabled
40
µA
VIO Undervoltage Lock-
Out (UVLO)
VIO_UVLO_R
VIO rising
1.06
1.09
1.12
V
VIO_UVLO_F
VIO falling
0.96
0.99
1.02
SCL, SDA Input Logic
Low Threshold
VIL
0.25 x
VIO
V
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com