Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 55 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 55 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 51Page - Analog Devices DFE252012F-R47M Datasheet HTML 52Page - Analog Devices DFE252012F-R47M Datasheet HTML 53Page - Analog Devices DFE252012F-R47M Datasheet HTML 54Page - Analog Devices DFE252012F-R47M Datasheet HTML 55Page - Analog Devices DFE252012F-R47M Datasheet HTML 56Page - Analog Devices DFE252012F-R47M Datasheet HTML 57Page - Analog Devices DFE252012F-R47M Datasheet HTML 58Page - Analog Devices DFE252012F-R47M Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 122 page
background image
those inputs. During the output-voltage transition, the ramp-up/ramp-down slew rate is controlled by the Mx_RU_SR[2:0]
and the Mx_RD_SR[2:0].
Power-OK (POK) Output
The MFIOx can be configured as a power-OK (POK) output of a specific buck converter. For example, if the MFIO1 is
assigned to Buck Master1 POK output (MFIO1_FUNC[3:0] = 0x7 and MFIO1_SEL[2:0] = 0x0), the MFIO1 pin goes high
if Buck Master1 output voltage rises above the VPOK_R (typ 82% of the VOUT target) when soft-start is completed. In
case Buck Master1 output falls below the VPOK_F (typ 78% of the VOUT target), the MFIO1 goes low. When the MFIOx
is configured as an open-drain POK output, an external pull-up resistor (typ 10kΩ to 100kΩ) is required.
FPS Input (FPSI)
When a MFIOx is configured as an FPS enable input, the enable logic of the flexible power sequencer is an OR logic
of the MFIOx and the FPS_EN bit. When either signal becomes logic high, the MAX77542 initiates a startup sequence
which is determined by the GLB_CFG1 through GLB_CFG6 registers. If both signals become logic low, it triggers a
shutdown sequence.
FPS Output (FPSO)
When a MFIOx is configured as an FPS output pin, the MFIOx pin can drive the enable signals of other devices. As
a part of the startup and shutdown sequence, the MFIOx goes high or low based on the FPSO_STUP_DLY[3:0], the
FPSO_SHDN_DLY[3:0], and the DLY_STEP[1:0] bits. When the MFIOx is configured as an open-drain FPS output, an
external pull-up resistor (typ 10kΩ to 100kΩ) is required.
System Reset Input (RSTINB)
When a MFIOx is configured as a system reset input pin, a logic-low signal (active-low, pulled up to the VIO pin with
an internal 100kΩ resistor) longer than its debounce timer setting is considered as a valid reset input signal. If the
RSTINB_SHDN bit is set to 1, a valid reset input signal initiates a reset of all functional registers (both Type O and Type
F) to their POR default values for 1μs. When the RSTINB_SHDN bit is set to 0, the MAX77542 ignores the RSTINB input
and takes no action. In case more than one MFIO is configured as the system reset input function, the RSTINB is an
AND logic of those inputs.
System Reset Output (RSTOB)
When a MFIOx is configured as a system reset output pin, the MAX77542 generates a reset output signal (active-low,
open drain) to indicate a fault condition of the device to a host processor or companion devices. The Mx_RSTOB_EN,
the TSHDN_RSTOB_EN, and the UVLO_RSTOB_EN bits allow the host processor to configure which fault condition
triggers the reset output signal. Note that a short-circuit protection (SCP) event asserts the system reset signal for about
3μs and de-asserts it as the SCP event turns off the corresponding buck output.
Thermal Warning Output (TWARNB)
When a MFIOx is configured as a thermal warning output pin, the MAX77542 generates a logic signal (active-low, open
drain) to indicate that the junction temperature of the die reaches the thermal warning threshold. The TWARN_TH[2:0]
bits allow a host processor to set the thermal warning threshold between +95ºC and +130ºC with 5ºC steps.
General-Purpose Input (GPI)
The MFIOx pins are configured as general-purpose inputs when MFIOx_FUNC[3:0] = 0xD. In GPI mode, the
corresponding status bits (MFIOx) represent the current logic data at the MFIOx inputs. When unmasked, toggling of
input logic generates an interrupt. The debounce timer and the internal pull-down resistor settings are configured by the
MFIOx_DEB[2:0] and the MFIOx_PDPU[1:0] bits.
General-Purpose Output (GPO)
The MFIOx pins are configured as general-purpose outputs when MFIOx_FUNC[3:0] = 0xE. In GPO mode, the
MFIOx_SEL[2:0] determines the output data either logic high, logic low, or high impedance (see Table 15). When the
MFIOx is configured as an open-drain GPO, an external pull-up resistor (typ 10kΩ to 100kΩ) is required.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com