Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 50 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 50 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 46Page - Analog Devices DFE252012F-R47M Datasheet HTML 47Page - Analog Devices DFE252012F-R47M Datasheet HTML 48Page - Analog Devices DFE252012F-R47M Datasheet HTML 49Page - Analog Devices DFE252012F-R47M Datasheet HTML 50Page - Analog Devices DFE252012F-R47M Datasheet HTML 51Page - Analog Devices DFE252012F-R47M Datasheet HTML 52Page - Analog Devices DFE252012F-R47M Datasheet HTML 53Page - Analog Devices DFE252012F-R47M Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 122 page
background image
8
16
12
4
COUNTER VALUE
COUNTER CLOCK PERIOD (1/FCOUNT)
FCOUNT = FSS_MOD × [2N+1 - 2].
N = COUNTER RESOLUTION (4 BITS).
FSS_MOD = MODULATION RATE (1, 3, 5, OR 7kHz).
ΔFSS = MODULATION ENVELOPE (±8%, ±12%, OR ±16%).
FSW(NOM)
FSW(NOM) + ΔFSS
FSW(NOM) - ΔFSS
REPEAT PERIOD (1/FSS_MOD)
FSW
Figure 11. 4-Bit Triangular Modulation Signal Example
Inductor Current Limits
The MAX77542 has a cycle-by-cycle current limit feature that prevents the inductor current (in each phase) from
increasing beyond the IPLIM. If an on-time is ended by the peak current limit, the buck prevents a new on-time from
starting until the inductor current falls below the valley current limit (IVLIM) which is typically set 1A less than the IPLIM.
This prevents the inductor current from increasing uncontrollably due to the overloaded output. In case the on-time
determined by the given operating condition is less than 130ns (typ), the next on-time pulse is not triggered until the
inductor current hits the IVLIM. Each buck has four PLIM thresholds which are individually set with the Mx_ILIM[1:0] bits.
See the Register Map section for more details. The programmable PLIM thresholds allow an optimal circuit protection
and inductor selections for the given operating conditions and load requirements.
Power-OK (POK)
The MAX77542 features power-OK (POK) comparators to monitor the quality of each buck output. The Mx_POK status
bits continuously reflect the status of these monitors. The Mx_POK bit goes high if the corresponding buck output voltage
rises above the VPOK_R (typ 82% of the VOUT target) when soft-start is completed. When the corresponding buck output
falls below the VPOK_F (typ 78% of the VOUT target), the Mx_POK bit goes low. When unmasked, the Mx_POKFLT_I
interrupt sets whenever the Mx_POK status bit changes from 1 to 0. The Mx_POKFLT_I bits are individually maskable.
See the Register Map section for more details.
The quality of the buck output can be directly monitored using the POK function of the MFIOx pins. See the Power-OK
(POK) Output section for more information.
Fault Protection
The MAX77542 has a fault-protection scheme designed to protect itself from abnormal conditions. Each individual buck
has its own fault state machine (shown in Figure 12) which is independently triggered by a short-circuit protection (SCP),
a thermal shutdown (TSHDN), and/or an undervoltage lock-out (UVLO) event. The operation of the state machine is
summarized as follows:
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com