Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 73 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 73 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 69Page - Analog Devices DFE252012F-R47M Datasheet HTML 70Page - Analog Devices DFE252012F-R47M Datasheet HTML 71Page - Analog Devices DFE252012F-R47M Datasheet HTML 72Page - Analog Devices DFE252012F-R47M Datasheet HTML 73Page - Analog Devices DFE252012F-R47M Datasheet HTML 74Page - Analog Devices DFE252012F-R47M Datasheet HTML 75Page - Analog Devices DFE252012F-R47M Datasheet HTML 76Page - Analog Devices DFE252012F-R47M Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 122 page
background image
I2C_CFG1 (0x1A)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[5:0]
WD_TMR[1:0]
Reset
0x0
0x0
Access
Type
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:2
O
Reserved. Returns 0.
WD_TMR
1:0
O
I2C Watchdog Timer Setting
0x0 = 31ms.
0x1 = 62ms.
0x2 = 124ms.
0x3 = 248ms.
I2C_CFG2 (0x1B)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[5:0]
WD_EN
HS_EXT_E
N
Reset
0x0
0x0
0x0
Access
Type
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:2
O
Reserved. Returns 0.
WD_EN
1
O
I2C Watchdog Control
0x0 = Disable.
0x1 = Enable.
HS_EXT_E
N
0
O
High-speed Mode Extension Control
0x0 = Disable HS-mode extension.
0x1 = Enable HS-mode extension (HS-
mode is extended during/after stop
condition).
BUCK_INT (0x20)
BIT
7
6
5
4
3
2
1
0
Field
M4_SCFLT
_I
M3_SCFLT
_I
M2_SCFLT
_I
M1_SCFLT
_I
M4_POKFL
T_I
M3_POKFL
T_I
M2_POKFL
T_I
M1_POKFL
T_I
Reset
0x0
0x0
0x0
0x0
0x0
0x0
0x0
0x0
Access
Type
Read
Clears All
Read
Clears All
Read
Clears All
Read
Clears All
Read
Clears All
Read
Clears All
Read
Clears All
Read
Clears All
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
M4_SCFLT
_I
7
O
Buck Master4 Short-Circuit Fault Interrupt
0x0 = Buck Master4 short-circuit fault has
not been detected.
0x1 = Buck Master4 short-circuit fault has
been detected.
M3_SCFLT
_I
6
O
Buck Master3 Short-Circuit Fault Interrupt
0x0 = Buck Master3 short-circuit fault has
not been detected.
0x1 = Buck Master3 short-circuit fault has
been detected.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com