Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 15 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 15 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 11Page - Analog Devices DFE252012F-R47M Datasheet HTML 12Page - Analog Devices DFE252012F-R47M Datasheet HTML 13Page - Analog Devices DFE252012F-R47M Datasheet HTML 14Page - Analog Devices DFE252012F-R47M Datasheet HTML 15Page - Analog Devices DFE252012F-R47M Datasheet HTML 16Page - Analog Devices DFE252012F-R47M Datasheet HTML 17Page - Analog Devices DFE252012F-R47M Datasheet HTML 18Page - Analog Devices DFE252012F-R47M Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 122 page
background image
Electrical Characteristics—Quad-Phase Configurable Buck Converter (continued)
(VSYS = VINx = 12V, VOUT1 = 0.8V (M1_RNG = 0x0), VOUT2 = 1.1V (M2_RNG = 0x1), VOUT3 = 1.8V (M3_RNG = 0x1), VOUT4 = 3.3V
(M4_RNG = 0x2), single-phase configuration, VCE = 1.8V, VIO = 1.8V, TA = TJ = -40°C to +125°C, typical values are at TA = TJ =
+25°C, unless otherwise noted. Note 2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-OK Fault Time-
Out (Note 6)
tPOK_TO
POK_TO[1:0] = 0x1
1
ms
POK_TO[1:0] = 0x2
5
POK_TO[1:0] = 0x3
10
Short-Circuit Detection
Threshold
VSCP
VOUT falling, expressed as a percentage
of target VOUT
20
%
Electrical Characteristics—Multifunction I/Os
(VSYS = 12V, VCE = 1.8V, VIO = 1.8V, TA = TJ = -40°C to +125°C, typical values are at TA = TJ = +25°C, unless otherwise noted. Note
2. )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MULTIFUNCTION I/O (MFIO)
MFIO Input Logic High
Threshold
VIH
0.75 x
VIO
V
MFIO Input Logic Low
Threshold
VIL
0.25 x
VIO
V
MFIO Output High
Voltage
VOH_MFIO
Push-pull output mode, sourcing 2mA
0.8 x VIO
V
MFIO Output Low
Voltage
VOL_MFIO
Sinking 2mA
0.2
V
MFIO Input Debounce
Time
tDB_MFIO
MFIOx_DEB[2:0] = 0x0
0
μs
MFIOx_DEB[2:0] = 0x1
0.5
MFIOx_DEB[2:0] = 0x2
1
MFIOx_DEB[2:0] = 0x3
2
MFIOx_DEB[2:0] = 0x4
4
MFIOx_DEB[2:0] = 0x5
8
MFIOx_DEB[2:0] = 0x6
16
MFIOx_DEB[2:0] = 0x7
32
MFIO Pull-Down
Resistance
RPD_MFIO
Input mode, MFIOx_PDPU = 0x0
400
800
1600
kΩ
Input mode, MFIOx_PDPU = 0x1
50
100
200
MFIO Pull-Up
Resistance
RPU_MFIO
Input mode, MFIOx_PDPU = 0x2
50
100
200
kΩ
MFIO Leakage Current
ILK_MFIO
VMFIOx = 0V and
2.0V,
MFIOx_PDPU =
0x3
TJ = +25°C
-1.5
0.01
1.5
µA
TJ = +85°C (Note
5)
0.1
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com