Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 10 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 10 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 6Page - Analog Devices DFE252012F-R47M Datasheet HTML 7Page - Analog Devices DFE252012F-R47M Datasheet HTML 8Page - Analog Devices DFE252012F-R47M Datasheet HTML 9Page - Analog Devices DFE252012F-R47M Datasheet HTML 10Page - Analog Devices DFE252012F-R47M Datasheet HTML 11Page - Analog Devices DFE252012F-R47M Datasheet HTML 12Page - Analog Devices DFE252012F-R47M Datasheet HTML 13Page - Analog Devices DFE252012F-R47M Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 122 page
background image
Electrical Characteristics—Top-Level (continued)
(VSYS = VINx = 12V, VOUT1 = 0.8V (M1_RNG = 0x0), VOUT2 = 1.1V (M2_RNG = 0x1), VOUT3 = 1.8V (M3_RNG = 0x1), VOUT4 = 3.3V
(M4_RNG = 0x2), single-phase configuration, VCE = 1.8V, VIO = 1.8V, TA = TJ = -40°C to +125°C, typical values are at TA = TJ =
+25°C, unless otherwise noted. Note 2. )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
THERMAL PROTECTION
Thermal Warning
TWARN
TJ rising, 15°C
hysteresis
TWARN_TH[2:0] =
0x0
+95
°C
TWARN_TH[2:0] =
0x1
+100
TWARN_TH[2:0] =
0x2
+105
TWARN_TH[2:0] =
0x3
+110
TWARN_TH[2:0] =
0x4
+115
TWARN_TH[2:0] =
0x5 (default)
+120
TWARN_TH[2:0] =
0x6
+125
TWARN_TH[2:0] =
0x7
+130
Thermal Shutdown
(TSHDN)
TSHDN
TJ rising, 15°C hysteresis
+165
°C
FLEXIBLE POWER SEQUENCER (FPS)
Sequence Start Delay
tDLY_SEQ
Delay from rising
edge of FPS_EN
signal to VOUTx
ramping start-off in
the 1st time slot
VLx is enabled
100
μs
Time Slot Delay Step
tDLY_STEP
DLY_STEP[1:0] = 0x0
0.5
ms
DLY_STEP[1:0] = 0x1
1.0
DLY_STEP[1:0] = 0x2
2.0
DLY_STEP[1:0] = 0x3
4.0
Time Slot Accuracy
fOSC_ACC
Root oscillator accuracy
-5
+5
%
LOGIC INPUT AND OUTPUT
CE Input Logic High
Threshold
VIH_CE
CE_PD_EN = 0
1.1
V
CE_PD_EN = 1
1.5
CE Input Logic Low
Threshold
VIL_CE
0.4
V
IRQB Output Logic Low
Threshold
VOL_IRQB
Sinking 2mA
0.2
V
CE Pull-Down Current
IPD_CE
CE_PD_EN = 1
1.1V ≤ VCE ≤ 16V
0.5
1.7
4.0
μA
VCE ≤ 0.4V
100
200
nA
CE Leakage Current
ILKG_CE
VSYS = 16V, VCE =
0V and 16V,
CE_PD_EN = 0
TJ = +25°C
±0.1
μA
TJ = +85°C (Note
5)
±0.5
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com