Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 56 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 56 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 52Page - Analog Devices DFE252012F-R47M Datasheet HTML 53Page - Analog Devices DFE252012F-R47M Datasheet HTML 54Page - Analog Devices DFE252012F-R47M Datasheet HTML 55Page - Analog Devices DFE252012F-R47M Datasheet HTML 56Page - Analog Devices DFE252012F-R47M Datasheet HTML 57Page - Analog Devices DFE252012F-R47M Datasheet HTML 58Page - Analog Devices DFE252012F-R47M Datasheet HTML 59Page - Analog Devices DFE252012F-R47M Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 122 page
background image
ADC Mux Input (ADCMUX)
When the MFIO8 is configured as an ADC mux input, the MAX77542 can covert the voltage applied to this input. The
effective input-voltage range is from 0V to 1.195V and the readback data will be available at the ADC_DATA11[7:0]
register bits. See the External Voltage Measurement section for more information. Note that the maximum voltage at the
ADC mux must not exceed the VDD (1.9V typ).
Debounce Timer
When the MFIOx are configured as logic inputs, a debounce timer is set by the MFIOx_DEB[2:0] bits to avoid logic signal
chattering due to input-signal glitches or bouncing. The timer-setting options are shown in Table 16.
When the system clock is disabled (all the buck outputs are in an off state and the ADC is disabled), there is an
additional debounce time (< 5μs) in addition to the selected debounce timer value (except for the no-debounce option).
The additional debounce time is avoided when the CLK_EN bit is set to 1 through the I2C interface, allowing the system
clock to be enabled even in standby state at a cost of 35μA (typ) additional quiescent current.
Table 16. Debounce Timer Setting
MFIOx_DEB[2:0]
TIMER SETTING
0x0
No Debounce
0x1
0.55μs
0x2
1μs
0x3
2μs
0x4
4μs
0x5
8μs
0x6
16μs
0x7
32μs
Internal Pull-Down and Pull-Up Resistor
When the MFIOx are configured as logic inputs, an internal pull-down or pull-up resistance is selected by the
MFIOx_PDPU[1:0] bits as shown in Table 17. For the system reset input function (MFIOx_FUNC[3:0] = 0xA), the
corresponding MFIOx pin is pulled up to the VIO pin with an internal 100kΩ resistor regardless of the MFIOx_PDPU[1:0]
bits.
Table 17. Internal Resistor Setting
MFIOx_PDPU[1:0]
RESISTOR SETTING
0x0
800kΩ Pull-Down to AGND
0x1
100kΩ Pull-Down to AGND
0x2
100kΩ Pull-Up to VIO
0x3
Disable (No Pull-Down or Pull-Up)
Output Driver Mode
When the MFIOx are configured as POK, FPSO, or GPO function, either an open-drain or a push-pull output mode can
be selected by MFIOx_DRV_MODE bits. In push-pull mode, the maximum driving current is limited to 2mA.
Detailed Description—ADC
The MAX77542 has an 8-bit successive approximation register (SAR) ADC with eleven multiplexers for supporting the
telemetry feature (see Figure 13). The eleven multiplexers are assigned for the output current and the output voltage
of each buck converter, the VSYS voltage, the junction temperature, and an external input through a MFIO. Each ADC
channel is individually controlled through the I2C interface and has a set of interrupt and interrupt mask bits. When
unmasked, the interrupt bit sets whenever the ADC data is ready to be read.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com