Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 69 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 69 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 65Page - Analog Devices DFE252012F-R47M Datasheet HTML 66Page - Analog Devices DFE252012F-R47M Datasheet HTML 67Page - Analog Devices DFE252012F-R47M Datasheet HTML 68Page - Analog Devices DFE252012F-R47M Datasheet HTML 69Page - Analog Devices DFE252012F-R47M Datasheet HTML 70Page - Analog Devices DFE252012F-R47M Datasheet HTML 71Page - Analog Devices DFE252012F-R47M Datasheet HTML 72Page - Analog Devices DFE252012F-R47M Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 122 page
background image
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
POK_TO
1:0
O
Power-OK Fault Time-Out Setting
0x0 = Disable.
0x1 = 1ms.
0x2 = 5ms.
0x3 = 10ms.
RESET_CFG1 (0x0E)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[4:0]
RSTINB_S
HDN
VIOFLT_SH
DN
AUTO_RST
RT
Reset
0x0
0x0
0x1
0x0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:3
O
Reserved. Returns 0.
RSTINB_S
HDN
2
O
Shutdown and Register Reset Control for
RSTINB (MFIO) Input
0x0 = Disable.
0x1 = Enable.
VIOFLT_SH
DN
1
O
VIO Fault Shutdown Control
0x0 = Disable.
0x1 = Enable (initiates a shutdown of all
buck outputs when VIO fault occurs).
AUTO_RST
RT
0
O
Auto Restart from POK Fault Time-Out,
SCP, and TSHDN
0x0 = Disable (Mx_EN and/or MFIOx
signals need to be toggled to exit latch-off
state).
0x1 = Enable (allow auto-restart after
500ms of forced off time).
RESET_CFG2 (0x0F)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[1:0]
UVLO_RST
OB_EN
TSHDN_RS
TOB_EN
M4_RSTOB
_EN
M3_RSTOB
_EN
M2_RSTOB
_EN
M1_RSTOB
_EN
Reset
0x0
0x0
0x0
0x0
0x0
0x0
0x0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:6
O
Reserved. Returns 0.
UVLO_RST
OB_EN
5
O
RSTOB (MFIO) Output Control for UVLO
Fault
0x0 = Disable.
0x1 = Enable (assert RSTOB signal when
UVLO fault occurs).
TSHDN_RS
TOB_EN
4
O
RSTOB (MFIO) Output Control for
Thermal-Shutdown Fault
0x0 = Disable.
0x1 = Enable (assert RSTOB signal when
TSHDN fault occurs).
M4_RSTOB
_EN
3
O
RSTOB (MFIO) Control for Buck Master4
Fault
0x0 = Disable.
0x1 = Enable (assert RSTOB signal when
Buck Master4 SCP fault occurs).
M3_RSTOB
_EN
2
O
RSTOB (MFIO) Control for Buck Master3
Fault
0x0 = Disable.
0x1 = Enable (assert RSTOB signal when
Buck Master3 SCP fault occurs).
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com