Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 9 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 9 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 5Page - Analog Devices DFE252012F-R47M Datasheet HTML 6Page - Analog Devices DFE252012F-R47M Datasheet HTML 7Page - Analog Devices DFE252012F-R47M Datasheet HTML 8Page - Analog Devices DFE252012F-R47M Datasheet HTML 9Page - Analog Devices DFE252012F-R47M Datasheet HTML 10Page - Analog Devices DFE252012F-R47M Datasheet HTML 11Page - Analog Devices DFE252012F-R47M Datasheet HTML 12Page - Analog Devices DFE252012F-R47M Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
Electrical Characteristics—Top-Level
(VSYS = VINx = 12V, VOUT1 = 0.8V (M1_RNG = 0x0), VOUT2 = 1.1V (M2_RNG = 0x1), VOUT3 = 1.8V (M3_RNG = 0x1), VOUT4 = 3.3V
(M4_RNG = 0x2), single-phase configuration, VCE = 1.8V, VIO = 1.8V, TA = TJ = -40°C to +125°C, typical values are at TA = TJ =
+25°C, unless otherwise noted. Note 2. )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE AND SUPPLY CURRENT
SYS and INx Voltage
Range
VSYS, VINx
2.8
16
V
SYS Undervoltage Lock-
Out (UVLO)
VUVLO_R
VSYS rising
2.8
2.9
3.0
V
VUVLO_F
VSYS falling with 200mV of hysteresis
2.6
2.7
2.8
Power-On Reset (POR)
Threshold (Note 7)
VPOR
VSYS falling
1.7
V
Shutdown Supply
Current (Note 3)
ISHDN
VCE = 0V, TJ = -40°C to +85°C
1.5
15
μA
Standby Supply Current
(Note 3)
ISTBY
FTMON_EN = 0, all bucks are disabled,
TJ = -40°C to +85°C
25
60
μA
Quiescent Supply
Current in LP-Skip Mode
(Note 3)
IQ_LP-SKIP
VALT_IN = 0V,
VOUT >
VOUT(TARGET), no
load
Only one buck
phase is enabled
270
370
μA
Two buck phases
are enabled
380
480
Three buck phases
are enabled
505
635
All buck phases are
enabled
625
755
Quiescent Supply
Current in Skip Mode
(Note 3)
IQ_SKIP
VALT_IN = 0V,
VOUT >
VOUT(TARGET), no
load
Only one buck
phase is enabled
300
405
μA
Two buck phases
are enabled
450
555
Three buck phases
are enabled
620
750
All buck phases are
enabled
780
910
INTERNAL BIAS SUPPLY
VDD Regulator Voltage
VDD
1.9
V
VDD Undervoltage Lock-
Out (UVLO)
VDD_UVLO_F
1.55
V
VL12, VL34 Regulator
Voltage
VLx
1.8
V
VL12, VL34
Undervoltage Lock-Out
(UVLO)
VL_UVLO_F
1.55
V
ALT_IN Switchover
Threshold
VSWO
VALT_IN rising, 100mV hysteresis, VL and
VDD input switches from SYS to ALT_IN
above this threshold
2.7
2.8
2.9
V
ALT_IN Valid Voltage
Range
VALT_IN
VSWO
5.5
V
ALT_IN Shutdown
Supply Current
IALT_IN_SHDN VCE = 0V, VALT_IN = 3.3V
0.2
μA
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com