Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 37 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 37 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 33Page - Analog Devices DFE252012F-R47M Datasheet HTML 34Page - Analog Devices DFE252012F-R47M Datasheet HTML 35Page - Analog Devices DFE252012F-R47M Datasheet HTML 36Page - Analog Devices DFE252012F-R47M Datasheet HTML 37Page - Analog Devices DFE252012F-R47M Datasheet HTML 38Page - Analog Devices DFE252012F-R47M Datasheet HTML 39Page - Analog Devices DFE252012F-R47M Datasheet HTML 40Page - Analog Devices DFE252012F-R47M Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 122 page
background image
THERMAL WARNING
THERMAL WARNING
(TWARN = 1)
NO THERMAL WARNING
NO THERMAL WARNING
(TWARN = TSHDN = 0)
THERMAL SHUTDOWN
THERMAL SHUTDOWN
(TWARN = TSHDN = 1)
DISABLE ALL OUTPUTS
IMMEDIATELY
TJ ≥ +165°C
TJ ≤ +150°C
TJ ≥ TWARN_TH[2:0]
THERMAL MONITOR DISABLED
THERMAL MONITOR DISABLED
ONE OF OUTPUTS ENABLED
OR
OR FTMON_EN = 1
ALL OUTPUTS DISABLED
AND
AND FTMON_EN = 0
TJ ≤ (TWARN_TH[2:0] - 15°C)
Figure 3. Thermal Warning and Thermal Shutdown
Reset Input and Output
All functional registers (both Type O and Type F) of the MAX77542 can be reset to their POR default values when a valid
reset signal is detected at one of the MFIOx pins. To activate this feature, one of the MFIOx pins must be configured as
system reset input (active-low) function (MFIOx_FUNC[3:0] = 0xA) and the RSTINB_SHDN needs to be set to 1. To avoid
a false trigger by glitches, it is recommended to have a proper debounce timer on this input by setting the corresponding
MFIOx_DEB[2:0] bit. See the System Reset Input (RSTINB) for more details.
The MAX77542 also features "System Reset Output" by configuring one of the MFIOx pins (MFIOx_FUNC[3:0] =
0xB). "System Reset Output" is an active-low open drain and it asserts when one of fault events (which are linked
to the reset output) occurs. To link "System Reset Output" to specific fault considerations, the Mx_RSTOB_EN, the
TSHDN_RSTOB_EN, and/or the UVLO_RSTOB_EN bits need to be set to 1. As soon as the fault condition that caused
the reset output to assert is cleared, the reset output signal will be de-asserted. See the System Reset Output (RSTOB)
section for more details.
Interrupt (IRQB), Mask and Status
The IRQB is an active-low, open-drain output that indicates to a host processor that the status on the MAX77542 has
changed. The IRQB is the logical "NOR" of all unmasked interrupt bits. See the Register Map section for a full list of
available status and interrupt bits.
The IRQB output asserts (goes low) anytime an unmasked interrupt bit is triggered. The host processor reads the
interrupt source register (0x00) and the interrupt registers that are indicated by the interrupt source register to check the
cause of the interrupt event. Note that the interrupt source register is cleared when the corresponding interrupt register
group is read by the host processor. All the interrupt events are edge-triggered. Therefore, the same interrupt is not
generated repeatedly even though the interrupt condition persists.
Each interrupt register can be read at a time and all interrupt bits are clear-on-read bits. The IRQB output de-asserts
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com