Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 68 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 68 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 64Page - Analog Devices DFE252012F-R47M Datasheet HTML 65Page - Analog Devices DFE252012F-R47M Datasheet HTML 66Page - Analog Devices DFE252012F-R47M Datasheet HTML 67Page - Analog Devices DFE252012F-R47M Datasheet HTML 68Page - Analog Devices DFE252012F-R47M Datasheet HTML 69Page - Analog Devices DFE252012F-R47M Datasheet HTML 70Page - Analog Devices DFE252012F-R47M Datasheet HTML 71Page - Analog Devices DFE252012F-R47M Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 122 page
background image
TOPSYS_CFG (0x0C)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[1:0]
ALT_IN_EN
CE_PD_EN
MASK_MO
DE
FTMON_EN
CLK_EN
VL_EN
Reset
0x0
0x1
0x1
0x0
0x0
0x0
0x0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:6
O
Reserved. Returns 0.
ALT_IN_EN
5
O
Alternative Input Control
0x0 = VDD, VL12 and VL34 LDOs are
powered from SYS.
0x1 = VDD, VL12 and VL34 LDOs are
powered from ALT_IN.
CE_PD_EN
4
O
CE Pull-Down Control
0x0 = Disable an internal pull-down.
0x1 = Enable an internal pull-down.
MASK_MO
DE
3
O
Interrupt Mask Mode Setting
0x0 = Interrupt signal is gated after the
corresponding interrupt bit when masked.
0x1 = Interrupt signal is gated before the
corresponding interrupt bit when masked.
FTMON_EN
2
O
Forced Junction Temperature Monitor
0x0 = Monitor junction temperature only
when one or more outputs is/are enabled.
0x1 = Monitor junction temperature even
when all the outputs are disabled.
CLK_EN
1
O
System Clock Pre-Enable Control
0x0 = Disable.
0x1 = Enable (enable internal OSC even
when all buck outputs are disabled).
VL_EN
0
O
VL12 and VL34 LDOs Pre-Enable Control
0x0 = Disable.
0x1 = Enable (Allow shorter buck turn-on
delay).
PROT_CFG (0x0D)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED
TWARN_TH[2:0]
RESERVED
UVLO_F
POK_TO[1:0]
Reset
0x0
0x5
0x0
0x1
0x0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7
O
Reserved. Returns 0.
TWARN_T
H
6:4
O
Thermal-Warning Threshold
0x0 = +95°C.
0x1 = +100°C.
0x2 = +105°C.
0x3 = +110°C.
0x4 = +115°C.
0x5 = +120°C.
0x6 = +125°C.
0x7 = +130°C.
RESERVED
3
O
Reserved. Returns 0.
UVLO_F
2
O
VSYS UVLO Falling Threshold (Relative
to UVLO Rising Threshold)
0x0 = UVLO_R - 150mV.
0x1 = UVLO_R - 200mV.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com