Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 8 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 8 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 4Page - Analog Devices DFE252012F-R47M Datasheet HTML 5Page - Analog Devices DFE252012F-R47M Datasheet HTML 6Page - Analog Devices DFE252012F-R47M Datasheet HTML 7Page - Analog Devices DFE252012F-R47M Datasheet HTML 8Page - Analog Devices DFE252012F-R47M Datasheet HTML 9Page - Analog Devices DFE252012F-R47M Datasheet HTML 10Page - Analog Devices DFE252012F-R47M Datasheet HTML 11Page - Analog Devices DFE252012F-R47M Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 122 page
background image
e
E1
D1
b
SE
SD
0.05 M
S
AB
B
A
E
D
Pin 1
Ind ic a tor
Ma rking
see Note 7
A3
A2
A
A1
0.05 S
S
FRONTVIEW
TOP VIEW
BOTTOM VIEW
A
1
0.64
0.22
0.42
0.04
0.27
2.00
3.60
0.40
0.20
0.20
A
AAAA
SIDE VIEW
2.557
4.357
1
F
E
D
C
B
10
9
8
7
6
5
4
3
2
TITLE
DOCUMENTCONTROL NO.
REV.
1
1
APPROVAL
COMMON DIMENSIONS
A
A2
A1
A3
b
E1
D1
e
SD
SE
0.05
0.03
0.03
BASIC
REF
BASIC
NOTES:
1. Termina l p itc h is d efined b y termina l c enter to c enter va lue.
2. Outer d imension is d efined b y c enter lines b etween sc rib e lines.
3. All d imensions in millimeter.
4. Ma rking shown is for p a c ka g e orienta tion referenc e only.
5. Tolera nc e is ± 0.02 unless sp ec ified otherwise.
6. All d imensions a p p ly to Pb Free (+) p a c ka g e c od es only.
7. Front - sid e finish c a n b e either Bla c k or Clea r.
BASIC
BASIC
- DRAWING NOTTO SCALE -
A
BASIC
BASIC
maxim
integrated TM
21-100610
PACKAGE OUTLINE 60 BUMPS
WLP PKG. 0.4 mm PITCH, W602A4Z+1
D
0.025
0.025
E
DEPOPULATED BUMPS:
NONE
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages.
Note that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different
suffix character, but the drawing pertains to the package regardless of RoHS status.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a
four-layer board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/
thermal-tutorial.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com