Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 30 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 30 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 26Page - Analog Devices DFE252012F-R47M Datasheet HTML 27Page - Analog Devices DFE252012F-R47M Datasheet HTML 28Page - Analog Devices DFE252012F-R47M Datasheet HTML 29Page - Analog Devices DFE252012F-R47M Datasheet HTML 30Page - Analog Devices DFE252012F-R47M Datasheet HTML 31Page - Analog Devices DFE252012F-R47M Datasheet HTML 32Page - Analog Devices DFE252012F-R47M Datasheet HTML 33Page - Analog Devices DFE252012F-R47M Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 122 page
background image
Pin Description (continued)
PIN
NAME
FUNCTION
TYPE
D5
CFG2
Device Configuration2 Selection Input. Connect a selection resistor (RCFG2)
between CFG2 and AGND to configure the current limits and the switching
frequency. Default settings can be overwritten through I2C. See the Device
Configuration (CFGx) section for more information.
Analog Input
B5
IRQB
Interrupt Output (Active-Low, Open-Drain). A 100kΩ external pull-up resistor to
VIO is required. High impedance when CE = low.
Digital Output
A4
SCL
I2C Serial Interface Clock Input. (High impedance in shutdown mode.) A pull-up
resistor of 1.5kΩ–2.2kΩ to VIO is required. Connect to ground if not used.
Digital Input
A5
SDA
I2C Serial Interface Data I/O (High impedance in shutdown mode.) A pull-up
resistor of 1.5kΩ –2.2kΩ to VIO is required. Connect to ground if not used.
Digital I/O
D4
SEL1
Buck1 Default VOUT Selection Input. Connect a selection resistor (RSEL1)
between SEL1 and AGND to configure the default VOUT1 and VOUT1 range.
Default settings can be overwritten through I2C. See the Default Output Voltage
Selection (SELx) section for more information.
Analog Input
C4
SEL2
Buck2 Default VOUT Selection Input. Connect a selection resistor (RSEL2)
between SEL2 and AGND to configure the default target VOUT2 and VOUT2
range. Default settings can be overwritten through I2C. When RSEL2 ≤ 95.3Ω,
Buck2 becomes a slave phase of a multiphase converter. See the Default Output
Voltage Selection (SELx) section for more information.
Analog Input
C7
SEL3
Buck3 Default VOUT Selection Input. Connect a selection resistor (RSEL3)
between SEL3 and AGND to configure the default target VOUT3 and VOUT3
range. Default settings can be overwritten through I2C. When RSEL3 ≤ 95.3Ω,
Buck3 becomes a slave phase of a multiphase converter. See the Default Output
Voltage Selection (SELx) section for more information.
Analog Input
D7
SEL4
Buck4 Default VOUT Selection Input. Connect a selection resistor (RSEL4)
between SEL4 and AGND to configure the default target VOUT4 and VOUT4
range. Default settings can be overwritten through I2C. When RSEL4 ≤ 95.3Ω,
Buck4 becomes a slave phase of a multiphase converter. See the Default Output
Voltage Selection (SELx) section for more information.
Analog Input
MULTIFUNCTION I/O
E3
MFIO1
Multifunction Input/Output. If this pin is not used, leave it floating. See the MFIO
Functions section for more information.
Digital I/O
D3
MFIO2
Multifunction Input/Output. If this pin is not used, leave it floating. See the MFIO
Functions section for more information.
Digital I/O
C3
MFIO3
Multifunction Input/Output. If this pin is not used, leave it floating. See the MFIO
Functions section for more information.
Digital I/O
B3
MFIO4
Multifunction Input/Output. If this pin is not used, leave it floating. See the MFIO
Functions section for more information.
Digital I/O
B8
MFIO5
Multifunction Input/Output. If this pin is not used, leave it floating. See the MFIO
Functions section for more information.
Digital I/O
C8
MFIO6
Multifunction Input/Output. If this pin is not used, leave it floating. See the MFIO
Functions section for more information.
Digital I/O
D8
MFIO7
Multifunction Input/Output. If this pin is not used, leave it floating. See the MFIO
Functions section for more information.
Digital I/O
E8
MFIO8
Multifunction Input/Output. If this pin is not used, leave it floating. See the MFIO
Functions section for more information.
Digital I/O
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com