Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 53 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 53 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 49Page - Analog Devices DFE252012F-R47M Datasheet HTML 50Page - Analog Devices DFE252012F-R47M Datasheet HTML 51Page - Analog Devices DFE252012F-R47M Datasheet HTML 52Page - Analog Devices DFE252012F-R47M Datasheet HTML 53Page - Analog Devices DFE252012F-R47M Datasheet HTML 54Page - Analog Devices DFE252012F-R47M Datasheet HTML 55Page - Analog Devices DFE252012F-R47M Datasheet HTML 56Page - Analog Devices DFE252012F-R47M Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 122 page
background image
MFIO Functions
The user-selectable functions of the MFIOs are shown in Table 14 and the function of each MFIO is selected by the
MFIOx_FUNC[3:0] bits.
Table 14. MFIO Functions
MFIOx_FUNC[3:0]
FUNCTION
LOGIC
POLARITY
OUTPUT
DRIVER
INTERNAL
RESISTOR
DEBOUNCE TIMER
AND INTERRUPT
0x0
Output Enable
(EN)
Active-High
N/A
Programmable Pull-
Up/Pull-Down
Enabled
0x1
Low-Power Mode
(LPM)
Active-High
N/A
Programmable Pull-
Up/Pull-Down
Enabled
0x2
Forced-PWM Mode
(FPWM)
Active-High
N/A
Programmable Pull-
Up/Pull-Down
Enabled
0x3
External Clock Detection
(CLKDET)
Active-High
N/A
Disabled*
Enabled
0x4
Clock Output
(CLKOUT)
Active-High
Push-Pull*
N/A
Disabled
0x5
Output-Voltage Selection
(VSEL)
Active-High
N/A
Programmable Pull-
Up/Pull-Down
Enabled
0x6
Boot (Default) Output-
Voltage Selection (VB)
Active-Low
N/A
Programmable Pull-
Up/Pull-Down
Enabled
0x7
Power-OK Output
(POK)
Active-High
Open Drain or
Push-Pull
N/A
Disabled
0x8
FPS Input
(FPSI)
Active-High
N/A
Programmable Pull-
Up/Pull-Down
Enabled
0x9
FPS Output
(FPSO)
Active-High
Open Drain or
Push-Pull
N/A
Disabled
0xA
System Reset Input
(RSTINB)
Active-Low
N/A
100kΩ Pull-Up to
VIO*
Enabled
0xB
System Reset Output
(RSTOB)
Active-Low
Open Drain*
N/A
Disabled
0xC
Thermal-Warning Output
(TWARNB)
Active-Low
Open Drain*
N/A
Disabled
0xD
General-Purpose Input
(GPI)
Active-High
N/A
Programmable Pull-
Up/Pull-Down
Enabled
0xE
General-Purpose Output
(GPO)
Active-High
Open Drain or
Push-Pull
N/A
Disabled
0xF
ADC MUX Input
(ADCMUX) for MFIO8
N/A
N/A
N/A
N/A
*Settings by RCFG1 override the MFIOx_PDPU[1:0] and the MFIOx_DRV_MODE bits.
The I/O signal of each function is selected by the MFIOx_SEL[2:0] bits as shown in Table 15.
Table 15. MFIO I/O Selection
MFIOx_SEL[2:0]*
EN, LPM, FPWM,
CLKDET, VSEL, VB
CLKOUT
POK
GPO
0x0
M1
0 Clock Shifts
M1
High Impedance
0x1
M2
1 Clock Shift
M2
High Impedance
0x2
M3
2 Clock Shifts
M3
High Impedance
0x3
M4
3 Clock Shifts
M4
High Impedance
0x4
GLB (M1, M2, M3, M4)
Low
POK_M1, POK_M2, POK_M3, and POK_M4
High Impedance
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com