Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 87 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 87 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 83Page - Analog Devices DFE252012F-R47M Datasheet HTML 84Page - Analog Devices DFE252012F-R47M Datasheet HTML 85Page - Analog Devices DFE252012F-R47M Datasheet HTML 86Page - Analog Devices DFE252012F-R47M Datasheet HTML 87Page - Analog Devices DFE252012F-R47M Datasheet HTML 88Page - Analog Devices DFE252012F-R47M Datasheet HTML 89Page - Analog Devices DFE252012F-R47M Datasheet HTML 90Page - Analog Devices DFE252012F-R47M Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 122 page
background image
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
M3_RD_SR
5:3
O
Buck Master3 Ramp-Down Slew-Rate
Setting
0x0 = -0.15mV/µs.
0x1 = -0.625mV/µs.
0x2 = -1.25mV/µs.
0x3 = -2.5mV/µs.
0x4 = -5.0mV/µs.
0x5 = -10mV/µs.
0x6 = -20mV/µs.
0x7 = -40mV/µs.
M3_RU_SR
2:0
O
Buck Master3 Ramp-Up Slew-Rate
Setting
0x0 = 0.15mV/µs.
0x1 = 0.625mV/µs.
0x2 = 1.25mV/µs.
0x3 = 2.5mV/µs.
0x4 = 5.0mV/µs.
0x5 = 10mV/µs.
0x6 = 20mV/µs.
0x7 = 40mV/µs.
M3_CFG2 (0x48)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[1:0]
M3_SSTOP_SR[2:0]
M3_SSTRT_SR[2:0]
Reset
0x0
0x0
0x4
Access
Type
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:6
O
Reserved. Returns 0.
M3_SSTOP
_SR
5:3
O
Buck Master3 Soft-Stop Slew-Rate
Setting
0x0 = -0.15mV/µs.
0x1 = -0.625mV/µs.
0x2 = -1.25mV/µs.
0x3 = -2.5mV/µs.
0x4 = -5.0mV/µs.
0x5 = -10mV/µs.
0x6 = -20mV/µs.
0x7 = -40mV/µs.
M3_SSTRT
_SR
2:0
O
Buck Master3 Soft-Start Slew-Rate
Setting
0x0 = 0.15mV/µs.
0x1 = 0.625mV/µs.
0x2 = 1.25mV/µs.
0x3 = 2.5mV/µs.
0x4 = 5.0mV/µs.
0x5 = 10mV/µs.
0x6 = 20mV/µs.
0x7 = 40mV/µs.
M3_CFG3 (0x49)
BIT
7
6
5
4
3
2
1
0
Field
M3_BBRK[1:0]
M3_ADIS10
0
M3_ADIS1
M3_FTRAK
M3_REFRE
SH
M3_FSREN
M3_FPWM
Reset
0x0
0x1
0x0
0x0
0x0
0x1
0x0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com