Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 43 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 43 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 39Page - Analog Devices DFE252012F-R47M Datasheet HTML 40Page - Analog Devices DFE252012F-R47M Datasheet HTML 41Page - Analog Devices DFE252012F-R47M Datasheet HTML 42Page - Analog Devices DFE252012F-R47M Datasheet HTML 43Page - Analog Devices DFE252012F-R47M Datasheet HTML 44Page - Analog Devices DFE252012F-R47M Datasheet HTML 45Page - Analog Devices DFE252012F-R47M Datasheet HTML 46Page - Analog Devices DFE252012F-R47M Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 122 page
background image
PH2
PH4
PH3
PH1
4
3+1
2+2
2+1+1
1+1+1+1
PHASE
CONFIGURATION
M4
M3
M3 M4
M3
M2
M4
NA NA NA
NA
NA
NA
NA
M1
M1
M1
M1
M1
MAX77542
ACTIVE CONTROL
REGISTERS
NA
+
Figure 6. Active Control Registers
Default Output-Voltage Selection (SELx)
The MAX77542 supports user-selectable default voltages of individual buck outputs with 1% tolerance (or better)
resistors. The MAX77542 evaluates the resistances between the SELx and the AGND whenever the VDD regulator first
turns on (exits shutdown). The decoded values of the RSELx are latched until the next time the device exits shutdown
mode. The SELx_LATCH[4:0] status bits reflect the latched decoded values of the RSELx. See the Register Map section
for more details.
The resistances between the SELx and the AGND (RSELx) configure the default voltages of corresponding buck outputs.
The RSEL2, the RSEL3, and the RSEL4 are also used in selecting phase configuration. When the SEL2, the SEL3, and/or
the SEL4 pins are tied to the AGND on the PCB (RSELx ≤ 95.3Ω), the corresponding buck is configured as a slave phase
of a multiphase converter. See the Phase and Output Configuration section for more information.
In case multiphase configuration is selected, the decoded resistance (RSELx) on the master phase sets the default output
voltage. Table 7 and Table 8 decode the default selection options for the VOUT1, the VOUT2, the VOUT3, and the VOUT4,
respectively. Once latched, the Mx_VOUT_H[7:0], the Mx_VOUT_L[7:0], the Mx_VOUT_B[7:0], and the Mx_RNG[1:0]
bits reflect the selected options. The decoded values for RSELx ≥ 115kΩ are programmable at the factory.
Table 7. Default VOUT1 Selection
RSEL1 (Ω)
TARGET VOUT1 (V)
VOUT1 RANGE
≤ 95.3
0.500
Low
200
0.550
Low
309
0.600
Low
422
0.650
Low
536
0.675
Low
649
0.700
Low
768
0.720
Low
909
0.750
Low
1.05k
0.800
Low
1.21k
0.820
Low
1.40k
0.900
Low
1.62k
0.950
Low
1.87k
1.000
Low
2.15k
1.050
Low
2.49k
1.100
Low
2.87k
1.150
Low
3.74k
1.200
Low
8.06k
1.20
Mid
12.4k
1.25
Mid
16.9k
1.35
Mid
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com