Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 58 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 58 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 54Page - Analog Devices DFE252012F-R47M Datasheet HTML 55Page - Analog Devices DFE252012F-R47M Datasheet HTML 56Page - Analog Devices DFE252012F-R47M Datasheet HTML 57Page - Analog Devices DFE252012F-R47M Datasheet HTML 58Page - Analog Devices DFE252012F-R47M Datasheet HTML 59Page - Analog Devices DFE252012F-R47M Datasheet HTML 60Page - Analog Devices DFE252012F-R47M Datasheet HTML 61Page - Analog Devices DFE252012F-R47M Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 122 page
background image
The ADC also provides continuous reading options by setting the MEAS_C bit. When MEAS_C = 1, the ADC engine
reads all enabled channels and uploads the data onto the ADC_DATAx registers every second. While continuous
measurement is enabled (MEAS_C = 1), the MEAS_S bit is ignored.
When unmasked, an interrupt (ADC_CHx_I) is triggered whenever the new data is uploaded into the corresponding data
register. This is to indicate to the host processor that the data is ready to be read.
Output-Current Measurement
The MAX77542 is capable of measuring the DC output current in each switching phase. The sampling time for the
current measurement is about 1ms per channel. The data codes in the ADC_DATA1 –ADC_DATA4 registers represent
the measured output current values of Phase1–Phase4, respectively. In multiphase configurations, a readback data of
an ADC channel still represents a measured DC output current of the corresponding phase, so that the output current
data of each phase in the same multiphase group needs to be summed for the total output current. See the Register Map
section for the conversion formula between the readback code and the measured output current.
The on-time of the low-side MOSFET given by the operating condition of the buck converter is less than 230ns
(typ), the MAX77542 is not able to measure the output current reliably and clears the corresponding status bits
(CH1_IMON_OK–CH4_IMON_OK) to 0 so that a host processor can skip reading the readback data.
Output-Voltage Measurement
The MAX77542 is also capable of measuring the DC output voltage of each switching phase. It takes about 10μs to
sample the output voltage. The data codes in the ADC_DATA5 –ADC_DATA8 registers represent the measured output
voltages of Phase1 –Phase4, respectively. In multiphase configurations, it is redundant to measure the output voltages
of slave phases in the same multiphase group if the output voltage of the master phase is already measured. See the
Register Map section for the conversion formula between the readback code and the measured output voltage.
SYS-Voltage Measurement
The supply voltage at the SYS node (VSYS) can be monitored using the ADC CH9. There are two measurement ranges
(0V to 6.375V and 0V to 19.125V) selected by the SYS_RNG bit. It takes about 10μs to sample the input voltage. See
the Register Map section for the conversion formula between the readback code and the measured SYS voltage.
Junction-Temperature Measurement
The ADC CH10 is dedicated to measuring the junction temperature of the device. This allows a host processor to optimize
its power consumption for reliable operation. It takes about 1ms to sample the junction temperature. See the Register
Map section for the conversion formula between the readback code and the measured junction temperature.
External-Voltage Measurement
The ADC CH11 is dedicated to measuring external voltages through the ADCMUX function of the MFIOs. This feature
allows a host processor to use the ADC for general purpose (0V to 1.195V input range). It takes about 10μs to sample the
external voltage. See the Register Map section for the conversion formula between the readback code and the measured
input voltage. See the ADC Mux Input (ADCMUX) section for more information.
Detailed Description—I2C Serial Interface
The MAX77542 features a revision 3.0 I2C-compatible, 2-wire serial interface consisting of a serial clock line (SCL) and
a bidirectional serial data line (SDA). The MAX77542 is a slave-only device that relies on an external bus master to
generate the SCL clock. The SCL clock rates from 0Hz to 3.4MHz are supported. As I2C is an open-drain bus, the SCL
and the SDA require external pull-up resistors.
Slave Address
The I2C communication controller implements 7-bit slave addressing. An I2C bus master initiates communication with the
slave by issuing a start condition followed by the slave address. The MAX77542 supports four slave addresses which
is selected by RCFG1 (see the Device Configuration (CFGx) section). All slave addresses not mentioned in Table 2 are
not acknowledged. The device uses 8-bit registers with 8-bit register addressing. They support standard communication
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com