Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 41 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 41 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 37Page - Analog Devices DFE252012F-R47M Datasheet HTML 38Page - Analog Devices DFE252012F-R47M Datasheet HTML 39Page - Analog Devices DFE252012F-R47M Datasheet HTML 40Page - Analog Devices DFE252012F-R47M Datasheet HTML 41Page - Analog Devices DFE252012F-R47M Datasheet HTML 42Page - Analog Devices DFE252012F-R47M Datasheet HTML 43Page - Analog Devices DFE252012F-R47M Datasheet HTML 44Page - Analog Devices DFE252012F-R47M Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 122 page
background image
output current is greater than a half of inductor ripple current. In both DCM and CCM, the output voltage is regulated by an
error amplifier. In case the on-time determined by a given operating condition in high output-voltage range (Mx_RNG[1:0]
= 0x2) is not long enough, the on-time automatically extends until the inductor current reaches 500mA to ensure enough
off-time to detect the ZX reliably.
Low-Power Skip (LP-Skip) Mode
Low-power skip mode {(Mx_LPM = 1 OR LPM_Mx = 1) AND Mx_FPWM = FPWM_Mx = 0} is similar to skip mode
because a negative inductor current is also not allowed in LP-skip mode. When the averaged output current is decreased
further down (> 8μs of LX three-state is detected two times consecutively) in skip mode, the buck converter enters LP-skip
mode when low-power mode is enabled. In LP-skip mode, the error amplifier and other internal blocks are deactivated
to reduce IQ consumption. Instead of the error amplifier, a low-power comparator monitors the output voltage in LP-skip
mode.
The buck enters DCM operation in skip mode when the duration of LX three-state is shorter than 4μs for eight times in a
row or LP-skip mode is disabled (Mx_LPM = LPM_Mx = 0). If no zero-crossing is detected (e.g., sudden load transient)
or FPWM mode is enabled (Mx_FPWM = 1 OR FPWM_Mx = 1), the buck enters CCM operation directly from LP-skip
mode.
LP-skip mode is not recommended for 4Φ configuration.
Forced-PWM (FPWM) Mode
Forced-PWM mode (Mx_FPWM = 1 OR FPWM_Mx = 1) ensures a continuous inductor current under all load conditions.
In FPWM mode, a negative inductor current through the low-side MOSFET is allowed but the maximum current is limited
to the INLIM (typ -3A). In case a valid external frequency is detected on the MFIOx input (when the CLKDET_Mx function
is selected), the corresponding buck enters FPWM mode regardless of its operating mode settings. See the Frequency
Tracking (FTRAK) section for more information.
Drop-Out Mode
The MAX77542 architecture allows the buck converter to operate even when the input voltage approaches the target
output voltage. When the headroom between the input and the output voltages reduces during operation, the buck
controller tries to maintain the output-voltage regulation by increasing the duty cycle. In case the buck is not able to
regulate the target output voltage with the maximum duty cycle (typ 98%), it automatically extends the on-time by skipping
the off-times (drop-out mode). In drop-out mode, the low-side MOSFET turns on occasionally to refresh the bootstrap
circuit for driving the high-side MOSFET. See the Bootstrap Refresh section for more information.
Switching Frequency
The MAX77542 has three nominal switching frequency options (0.5MHz, 1.0MHz, and 1.5MHz) to optimize the efficiency,
the transient response, the noise performance, and the solution size. The default switching frequency of the bucks are
set by the CFG2 input (see Table 3) and the switching frequencies of individual bucks are also selectable with the
Mx_FREQ[1:0] bits.
At any given time, the switching frequency (FSW) of the adaptive on-time buck converter is not fixed and is heavily
influenced by the instantaneous load current. More on-time pulses in a given time (higher FSW) are observed as the
output current increases, while fewer on-times in a given time (lower FSW) are observed when the output current
decreases. A valid external frequency at the MFIOx input (when the CLKDET_Mx function is selected) or enabling the
internal frequency tracking feature (Mx_FTRAK = 1) stabilizes the switching frequency of the corresponding buck in
steady-state operation. See the Frequency Tracking (FTRAK) section for more information.
In case the on-time calculated by the given operating condition is less than the minimum on-time (typ 90ns), the buck
controller regulates the output voltage by increasing the off-time. As a result, the actual switching frequency becomes
slower than its nominal frequency setting. For example, the calculated duty cycle for 16VIN and 0.8VOUT is about 5%,
which gives less than 90ns of on-time at 1MHz of nominal switching frequency. It means that the actual switching
frequency under this condition is slower than 1MHz. Therefore, a 0.5MHz of nominal switching frequency setting is
recommended.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com