Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 47 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 47 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 43Page - Analog Devices DFE252012F-R47M Datasheet HTML 44Page - Analog Devices DFE252012F-R47M Datasheet HTML 45Page - Analog Devices DFE252012F-R47M Datasheet HTML 46Page - Analog Devices DFE252012F-R47M Datasheet HTML 47Page - Analog Devices DFE252012F-R47M Datasheet HTML 48Page - Analog Devices DFE252012F-R47M Datasheet HTML 49Page - Analog Devices DFE252012F-R47M Datasheet HTML 50Page - Analog Devices DFE252012F-R47M Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 122 page
background image
buck controller forces refresh pulses 16 times with an interval of 3μs.
Frequency Tracking (FTRAK)
The MAX77542 supports the frequency tracking feature. When a valid external clock is detected on the MFIOx input
(when CLKDET_Mx function is selected), the corresponding buck converter enters FPWM mode regardless of its
operating mode setting and tracks the external frequency by modulating on-times. This event triggers the MFIOx_I
interrupt if unmasked. When the external tracking feature is enabled, Buck1 and Buck3 attempt to track the beginning of
on-times to the rising edges of the external clock, while Buck2 and Buck4 attempt to track the beginning of on-times to
the falling edges of the external clock.
Table 12. Mx_FTRAK Enable Truth Table
CLKDET_Mx
(MFIOx)
Mx_FTRAK
PLL
BUCK OPERATING MODE
NOTE
Not Detected
0
Disabled
Depends on Buck Mode Setting
No Tracking
Not Detected
1
Enabled
Depends on Buck Mode Setting
Internal Frequency Tracking
Detected
0
Enabled
FPWM
External Frequency Tracking
Detected
1
Enabled
FPWM
External Frequency Tracking
As shown in Table 12, the bucks can also track an internal clock. When the FTRAK function is enabled (Mx_FTRAK =
1), the corresponding buck tracks the internal PLL frequency (set by the Mx_FREQ[1:0] bits) if no valid external clock is
applied. In case a valid external clock is detected while the corresponding buck is tracking the internal PLL, it switches
to the external clock tracking. The frequency window for both external and internal tracking is about ±5% of the nominal
switching frequency. The frequency tracking operation is vaild whenever one of the buck converters is enabled. The
CLKDET_Mx (MFIOx) must be driven either low or high to prevent chattering or false tracking (see Figure 7).
PLL FSW
STABILIZER
CLKDET_Mx
(NOTE 1)
INTERNAL
OSC
EXTERNAL
CLK DETECT
TON
GENERATOR
MFIOx_I
NOTE 1: MFIOx IS ASSIGNED FOR THE EXTERNAL CLOCK DETECTION FUNCTION.
Figure 7. Frequency Tracking
The phase sequences with the internal and the external frequency tracking are shown in Table 13.
Table 13. Phase Sequence
PHASE CONFIGURATION
INTERNAL FTRAK
EXTERNAL FTRAK
1+1+1+1
PH1(M): 0
⁰
PH2(M): 180
⁰
PH3(M): 90
⁰
PH4(M): 270
⁰
PH1(M): Rising Edge
PH2(M): Falling Edge
PH3(M): Rising Edge
PH4(M): Falling Edge
2+1+1
PH1(M): 0
⁰
PH2(S): 180
⁰
PH3(M): 90
⁰
PH4(M): 270
⁰
PH1(M): Rising Edge
PH2(S): 180
⁰ from M1
PH3(M): Rising Edge
PH4(M): Falling Edge
2+2
PH1(M): 0
⁰
PH2(S): 180
⁰
PH3(M): 90
⁰
PH4(S): 270
⁰
PH1(M): Rising Edge
PH2(S): 180
⁰ from M1
PH3(M): Rising Edge
PH4(S): 180
⁰ from M3
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com