Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 79 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 79 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 75Page - Analog Devices DFE252012F-R47M Datasheet HTML 76Page - Analog Devices DFE252012F-R47M Datasheet HTML 77Page - Analog Devices DFE252012F-R47M Datasheet HTML 78Page - Analog Devices DFE252012F-R47M Datasheet HTML 79Page - Analog Devices DFE252012F-R47M Datasheet HTML 80Page - Analog Devices DFE252012F-R47M Datasheet HTML 81Page - Analog Devices DFE252012F-R47M Datasheet HTML 82Page - Analog Devices DFE252012F-R47M Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 122 page
background image
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
M1_BBRK
7:6
O
Buck Master1 Body-Braking Control
Setting
0x0 = Disable.
0x1 = Body braking for 8μs.
0x2 = Body braking for 8μs. followed by
FPWM for 8μs.
0x3 = Reserved.
M1_ADIS10
0
5
O
Buck Master1 100Ω Active Discharge
0x0 = Disable.
0x1 = Enable.
M1_ADIS1
4
O
Buck Master1 1Ω Active Discharge: Note
that 1Ω active discharge must be
disabled when falling slew-rate function of
corresponding output is disabled
(M1_FSREN = 0).
0x0 = Disable.
0x1 = Enable (active for 1ms after soft-stop
is completed).
M1_FTRAK
3
O
Buck Master1 Internal Frequency
Tracking Control
0x0 = Disable.
0x1 = Enable.
M1_REFRE
SH
2
O
Buck Master1 Bootstrap Refresh Interval
Control
0x0 = 128μs.
0x1 = 10μs.
M1_FSREN
1
O
Buck Master1 Falling Slew-Rate Control
0x0 = Disable (buck does not sink current
from COUT in skip or LP-skipmode).
0x1 = Enable (buck operates in FPWM
mode to sink current from COUT when its
VOUT(TARGET) is lower than the actual
VOUT).
M1_FPWM
0
O
Buck Master1 Forced-PWM Control
0x0 = Disable (automatic skip mode
operation under light load condition).
0x1 = Enable (OR logic with FPWM_M1
input).
M1_CFG4 (0x2A)
BIT
7
6
5
4
3
2
1
0
Field
M1_SS_ENV[1:0]
M1_SS_FREQ[1:0]
M1_SSM_PAT[1:0]
M1_FREQ[1:0]
Reset
0x0
0x0
0x0
0x1
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
M1_SS_EN
V
7:6
O
Buck Master1 Spread Spectrum
Envelope Setting
0x0 = Disable.
0x1 = ±8%.
0x2 = ±12%.
0x3 = ±16%.
M1_SS_FR
EQ
5:4
O
Buck Master1 Spread Spectrum
Frequency Setting
0x0 = 1kHz.
0x1 = 3kHz.
0x2 = 5kHz.
0x3 = 7kHz.
M1_SSM_P
AT
3:2
O
Buck Master1 Spread Spectrum Pattern
Setting
0x0 = Triangular pattern (0001b to 1111b).
0x1 = Pseudo-random polynomial (x4 + x +
1).
0x2 = Pseudo-random polynomial (x4 + x3
+ 1).
0x3 = Pseudo-random polynomial
(alternating x4 + x + 1 and x4 + x3 + 1
every cycle).
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com