Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 59 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 59 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 55Page - Analog Devices DFE252012F-R47M Datasheet HTML 56Page - Analog Devices DFE252012F-R47M Datasheet HTML 57Page - Analog Devices DFE252012F-R47M Datasheet HTML 58Page - Analog Devices DFE252012F-R47M Datasheet HTML 59Page - Analog Devices DFE252012F-R47M Datasheet HTML 60Page - Analog Devices DFE252012F-R47M Datasheet HTML 61Page - Analog Devices DFE252012F-R47M Datasheet HTML 62Page - Analog Devices DFE252012F-R47M Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 122 page
background image
protocols:
● Writing to a single register
● Writing to multiple sequential registers with an automatically incrementing data pointer
● Reading from a single register
● Reading from multiple sequential registers with an automatically increased data pointer
For additional information about the I2C protocols, refer to the I2C specification.
HS Extension Mode
The MAX77542 supports a special I2C feature called HS extension mode. The HS extension feature keeps the high-
speed operation even after a stop condition. This eliminates the need for a HS master code issued by an I2C master
controller when the I2C master controller wants to stay in the HS mode for multiple read/write cycles.
As shown in Figure 14, the HS extension mode can be enabled by setting the HS_EXT_EN bit while the I2C bus operates
in the LS (standard, fast, or fast-mode plus) mode only.
LS MODE
(HS_EXT_EN = 0)
LS MODE
(HS_EXT_EN = 1)
HS MODE
(HS_EXT_EN = 0)
HS MODE
(HS_EXT_EN = 1)
HS MASTER CODE
STOP CONDITION
HS MASTER CODE
SET HS_EXT_EN = 1
SET HS_EXT_EN = 0
SET HS_EXT_EN = 0
Figure 14. I2C Operating Mode State Diagram
I2C Watchdog Timer
The MAX77542 contains an I2C watchdog timer to ensure reliable operation of the I2C bus. The I2C watchdog timer
helps the system recover from I2C bus hang-ups that can occur when devices on the I2C bus operate out of sync from
each other due to noise or poor system design. In most cases, the bus master can clear the I2C bus hang-ups by issuing
nine consecutive STOP commands. However, to account for unforeseen system issues, the I2C watchdog timer serves
as a backup protection method for recovering from the I2C bus hang-ups.
The MAX77542 supports four timer options (31ms, 62ms, 124ms, and 248ms) controlled by the WD_TMR[1:0] bit. The
I2C watchdog timer is enabled when WD_EN bit is set to 1. While the I2C watchdog timer is enabled, the MAX77542
monitors the time between a start and a stop condition and resets the I2C state machine if this time ever exceeds the
selected timer option.
The I2C watchdog timer is disabled by default. With the I2C watchdog timer disabled, the device meets the 0Hz SCL
frequency requirements in the I2C specification. Activating the I2C watchdog timer defeats the 0Hz specification and this
0Hz capability is not needed in many cases.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com