Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 48 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 48 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 44Page - Analog Devices DFE252012F-R47M Datasheet HTML 45Page - Analog Devices DFE252012F-R47M Datasheet HTML 46Page - Analog Devices DFE252012F-R47M Datasheet HTML 47Page - Analog Devices DFE252012F-R47M Datasheet HTML 48Page - Analog Devices DFE252012F-R47M Datasheet HTML 49Page - Analog Devices DFE252012F-R47M Datasheet HTML 50Page - Analog Devices DFE252012F-R47M Datasheet HTML 51Page - Analog Devices DFE252012F-R47M Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 122 page
background image
Table 13. Phase Sequence (continued)
3+1
PH1(M): 0
⁰
PH2(S): 240
⁰
PH3(S): 120
⁰
PH4(M): 270
⁰
PH1(M): Rising Edge
PH2(S): 240
⁰ from M1
PH3(S): 120
⁰ from M1
PH4(M): Falling Edge
4
PH1(M): 0
⁰
PH2(S): 180
⁰
PH3(S): 90
⁰
PH4(S): 270
⁰
PH1(M): Rising Edge
PH2(S): 180
⁰ from M1
PH3(S): 90
⁰ from M1
PH4(S): 270
⁰ from M1
Spread-Spectrum Modulation
The bucks are capable of dithering its switching frequency for noise-sensitive applications. The spread-spectrum
function of each buck is individually enabled by setting the Mx_SS_ENV[1:0] bits. The spread-spectrum function
is activated only in continuous conduction mode (CCM) and it is automatically deactivated when the bucks enter
discontinuous conduction mode (DCM). The spread-spectrum modulation pattern is programmable either in pseudo-
random or triangular patterns by the Mx_SSM_PAT[1:0] bits. The spread-spectrum modulation is characterized by
modulation envelope and modulation frequency:
● The modulation envelope (∆FSS) determines the maximum difference between the modulated switching frequency
and the nominal switching frequency. The modulation envelope is programmable (±8%, ±12%, or ±16%) with the
Mx_SS_ENV[1:0] bits and it controls how wide the switching frequency dithers.
● The modulation frequency (FSS_MOD) determines how often the switching frequency changes from one value to
another. The modulation frequency is also programmable (1kHz, 3kHz, 5kHz, or 7kHz) with the Mx_SS_FREQ[1:0]
bits and it controls how fast the switching frequency dithers.
Pseudo-Random Pattern
The pseudo-random engine uses a 4-bit linear feedback shift register (LFSR) to create a pseudo-random value as shown
in Figure 8. The LFSR value is converted to an analog signal and then amplified before being added to the output of the
on-time generator circuit. The pseudo-random value shortens or lengthens the on-time. This causes the buck controller
to increase or decrease the switching frequency to maintain voltage regulation. Each buck has its own pseudo-random
pattern generator.
CLOCK
LINEAR FEEDBACK
SHIFT REGISTER
GAIN
DAC
REF
PSEUDO-RANDOM
MODULATION SIGNAL
Mx_SSM_PAT[1:0]
DECODE
ENVELOPE
RATE
Mx_SS_ENV[1:0]
Mx_SS_FREQ[1:0]
Figure 8. Pseudo-Random Modulator Engine
The modulation envelope and frequency are programmable with the Mx_SS_ENV[1:0] and the Mx_FREQ[1:0] bits. The
FSS_MOD sets the frequency at which the LFSR wraps back to the seed value. The clock rate of the LFSR is the FLFSR.
This is the frequency at which one pseudo-random value changes to another. An example is shown in Figure 9.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com