Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 32 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 32 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 28Page - Analog Devices DFE252012F-R47M Datasheet HTML 29Page - Analog Devices DFE252012F-R47M Datasheet HTML 30Page - Analog Devices DFE252012F-R47M Datasheet HTML 31Page - Analog Devices DFE252012F-R47M Datasheet HTML 32Page - Analog Devices DFE252012F-R47M Datasheet HTML 33Page - Analog Devices DFE252012F-R47M Datasheet HTML 34Page - Analog Devices DFE252012F-R47M Datasheet HTML 35Page - Analog Devices DFE252012F-R47M Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 122 page
background image
VL34
VL12
VL34
REGULATOR
VL12
REGULATOR
2.2µF
2.2µF
MOSFET
DRIVERS
MOSFET
DRIVERS
SYS
2.2µF
2.2µF
ALT_IN
1.8V
1.8V
VSWO
ALT_SWO
SYS
ALT_IN
0
1
ALT_SWO
ALT_SWO
SWITCH
SWITCH
SWITCHOVER
VDD
VDD
REGULATOR
1µF
INTERNAL
LOGIC
1.9V
DEFAULT INPUT
(HIGH VOLTAGE)
2.8V TO 16V
ALTERNATIVE INPUT
(LOW VOLTAGE)
VSWO TO 5.5V
Figure 1. Alternative Input Switchover Circuit
There are three ways of using the ALT_IN input:
● Option 1: Connect the ALT_IN pin to the AGND (not used). In this case, the internal linear regulator permanently
receives power from the SYS pin.
● Option 2: Connect the ALT_IN pin to one of the buck outputs which is greater than the VSWO. Using a buck output for
powering up the linear regulator improves the total efficiency of the device. (The buck output can be turned on and off
dynamically.)
● Option 3: Connect the ALT_IN pin to an external high-efficiency DC source greater than the VSWO when neither buck
output is greater than the VSWO. (Using a high-efficiency power source also improves the total system efficiency.)
Device Configuration (CFGx)
The MAX77542 supports user-selectable device configurations with a 1% tolerance (or better) resistor. The MAX77542
evaluates the resistances between the CFGx and the AGND whenever the VDD regulator first turns on (exits shutdown
mode). The decoded values of the RCFGx are latched until the next time the device exits shutdown mode. The
CFGx_LATCH[4:0] status bits reflect the latched decoded value of the RCFGx. See the Register Map section for more
details.
Table 2 decodes the default selection options for the I2C slave address and the default MFIO functions. Once latched, the
MFIOx_FUNC[3:0] bits reflect the selected the MFIO options. The decoded values for RCFG1 ≥ 75kΩ are programmable
at the factory. Note that all MFIOs are pulled down to AGND with an internal 800kΩ resistor until the RCFGx decoding is
complete.
Table 2. Device Configuration by RCFG1
RCFG1
(Ω)
I2C SLAVE
ADDRESS
(7-BIT
ADDRESS)
MFIO1
MFIO2
MFIO3
MFIO4
MFIO5
MFIO6
MFIO7
MFIO8
≤ 95.3
7'h60 (110
0000)
EN_M1 POK_M1
EN_M2
POK_M2
EN_M3
POK_M3
EN_M4
POK_M4
200
7'h61 (110
0001)
EN_M1 POK_M1
EN_M2
POK_M2
EN_M3
POK_M3
EN_M4
POK_M4
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com