Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 38 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 38 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 34Page - Analog Devices DFE252012F-R47M Datasheet HTML 35Page - Analog Devices DFE252012F-R47M Datasheet HTML 36Page - Analog Devices DFE252012F-R47M Datasheet HTML 37Page - Analog Devices DFE252012F-R47M Datasheet HTML 38Page - Analog Devices DFE252012F-R47M Datasheet HTML 39Page - Analog Devices DFE252012F-R47M Datasheet HTML 40Page - Analog Devices DFE252012F-R47M Datasheet HTML 41Page - Analog Devices DFE252012F-R47M Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 122 page
background image
(goes high) when all interrupt bits have been cleared. If an interrupt is captured during the read sequence, the IRQB
output is held low. When the IRQB output is pulled low by an unmasked interrupt event, the IRQB output stays low until
the interrupt bit is cleared by the reading operation of the host processor or the corresponding interrupt mask bit is set
to 1 (masked). All interrupts (except UVLO_I) are masked by default. Masked interrupt bits do not cause the IRQB pin to
assert.
The MAX77542 has two interrupt mask modes. With MASK_MODE = 0 (default), an interrupt bit sets for an interrupt
event regardless of the corresponding mask bit, however the interrupt event does not propagate to the interrupt source
register when masked. When the MASK_MODE is set to 1, it prevents the interrupt register bit from asserting for the
corresponding interrupt event (gated at the interrupt bit).
In addition to interrupt bits, the MAX77542 has read-only status bits. These bits always represent the current status of
the device. It is highly recommended that the host processor read status bits whenever the MAX77542 is initialized by
the host processor. These status bits do not directly affect the state of interrupt bits.
Register Reset Conditions
All registers (both Type O and Type F) are reset to the POR default values specified in the Register Map section when
the CE pin is pulled low or the VSYS supply drops below its POR threshold (typ 1.7V). Whenever the CE pin is pulled
high, the MAX77542 updates the default register values based on RCFGx and RSELx detection, and the updated default
values are latched until the CE pin is pulled low or a POR event occurs. A UVLO or a TSHDN event resets all buck
output-voltage setting registers (Type F) to their default values, while a SCP event only resets buck output-voltage setting
registers (Type F) for the corresponding output.
Factory Options
The MAX77542 is factory-configurable with a variety of one-time programmable (OTP) options. See Table 4 for a selector
guide. Contact Analog Devices to request a variant of the device with specialized OTP options.
Table 4. MAX77542 Factory-Programmed Defaults (OTP Options)
MAX77542A
SELx OPTIONS
VOUT1 (V)
0.8
VOUT2 (V)
1.1
VOUT3 (V)
1.8
VOUT4 (V)
3.3
CFG1 OPTIONS
MFIO1
FPSI
MFIO2
POK_M1
MFIO3
FPWM_M1
MFIO4
CLKDET_M1
MFIO5
VB_GLB
MFIO6
RSTINB
MFIO7
TWARNB
MFIO8
RSTOB
CFG2 OPTIONS
M1_ILIM (A)
5.5
M2_ILIM (A)
5.5
M3_ILIM (A)
5.5
M4_ILIM (A)
5.5
Mx_FREQ (MHz)
1.0
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com