Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 39 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 39 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 35Page - Analog Devices DFE252012F-R47M Datasheet HTML 36Page - Analog Devices DFE252012F-R47M Datasheet HTML 37Page - Analog Devices DFE252012F-R47M Datasheet HTML 38Page - Analog Devices DFE252012F-R47M Datasheet HTML 39Page - Analog Devices DFE252012F-R47M Datasheet HTML 40Page - Analog Devices DFE252012F-R47M Datasheet HTML 41Page - Analog Devices DFE252012F-R47M Datasheet HTML 42Page - Analog Devices DFE252012F-R47M Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
Detailed Description—Quad-Phase Configurable Buck Converter
The MAX77542 is a high-efficiency, phase-configurable buck converter with four 4A phases (Φ). A differential pair of
output-voltage sensing input (SNSxP and SNSxN) ensures best-in-class output-voltage regulation at the point of load.
Each buck converter operates on an input supply between 2.8V and 16V. The output voltages are preset using the
SELx inputs and further configurable with an I2C serial interface between 0.3V and 5.2V in 5mV, 10mV, or 20mV steps
depending on the Mx_RNG[1:0] bits. See the Output-Voltage Setting section.
Each switching phase supports 4A and a four-phase (4Φ) configuration supports up to 16A. The phase configuration is
user-programmable by tying the SEL2, the SEL3 and/or the SEL4 pins to the AGND on the PCB. See the Phase and
Output Configuration section.
Buck Converter Control Scheme
The MAX77542 uses an adaptive constant on-time (COT) current-mode control scheme. The adaptive COT control
provides fast response to load transients, inherent compensation to input-voltage variation, and stable performance at
low-duty cycles. As shown in Figure 4, Buck1 is referenced in the following explanation.
VL12
PGND1
LX1
BST1
IN1
IPLIM1
Q2
RCOMP
PHASE2/3/4
PLL FSW
STABILIZER
SNS1P
IVLIM1, IZX
SOFT-START/-STOP
RAMP-UP/-DOWN
ON-TIME GENERATOR1
SPREAD-
SPECTRUM
DRIVER
LOGIC
REGISTERS AND
CONTROL
FAULT PROTECTION
STATE MACHINE
VPOK, VSCP
DIE TEMP
MONITOR
90°/120°/180°
STAGGERED PHASE
CLK GENERATOR
POK_M1
VL LDO
VDD
PHASE CONFIGURATION
DECODER
SEL3
PLL FSW
STABILIZER
I2C SERIAL
INTERFACE
SDA
SCL
CLKDET_M1
EN_M1
INTERNAL
CLK
EXTERNAL
CLK DETECT
CCOMP
CE
VL12
VL12
Q1
AGND
AGND
SEL4
SEL2
SNS1N
VDD LDO
AGND
VIO
POR AND
UVLO
REFDAC (VOUT1)
AGND
gm
PWM
FPWM_M1
ALT_IN
VSWO
SWITCHOVER
SYS
Figure 4. Functional Block Diagram
An on-time (MOSFET Q1 is on) is controlled by an on-time generator circuit which calculates an on-time based on the
input voltage (VIN1), the output voltage (VOUT1), and the target switching frequency (FSW1). An off-time (MOSFET Q2 is
on) begins when the on-time ends. During the dead-time, the inductor current conducts through the intrinsic body diode.
A PWM comparator regulates the VOUT1 by modulating off-time. The positive input of the PWM comparator is a voltage
proportional to the actual output voltage error. The negative input is a voltage proportional to the inductor current sensed
through the MOSFET Q2. The PWM comparator begins an on-time when the error voltage becomes higher than the
current-sense signal. The off-time automatically begins again when the calculated on-time expires. A phase-locked loop
(PLL) stabilizes the switching frequency and controls phase spacing. The PLL stabilizes slave phases 90°, 120°, or 180°
apart from the master phase when the output is configured for multiphase operations. In multiphase configurations, all
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com