Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 42 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 42 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 38Page - Analog Devices DFE252012F-R47M Datasheet HTML 39Page - Analog Devices DFE252012F-R47M Datasheet HTML 40Page - Analog Devices DFE252012F-R47M Datasheet HTML 41Page - Analog Devices DFE252012F-R47M Datasheet HTML 42Page - Analog Devices DFE252012F-R47M Datasheet HTML 43Page - Analog Devices DFE252012F-R47M Datasheet HTML 44Page - Analog Devices DFE252012F-R47M Datasheet HTML 45Page - Analog Devices DFE252012F-R47M Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 122 page
background image
Phase and Output Configuration
The MAX77542 has four 4A switching phases configurable to five phase configurations. As shown in Table 5, the buck
converters are configured from a single output (4Φ) to four individual outputs (1Φ + 1Φ + 1Φ + 1Φ) based on resistor
values on the SELx inputs.
Table 5. Phase-Configuration Selection
RSEL1 (Ω)
RSEL2 (Ω)
RSEL3 (Ω)
RSEL4 (Ω)
PHASE (Φ) CONFIGURATION
NUMBER OF OUTPUTS
Any
≥ 200
≥ 200
≥ 200
1Φ + 1Φ + 1Φ + 1Φ
4
Any
≤ 95.3
≥ 200
≥ 200
2Φ + 1Φ + 1Φ
3
Any
≤ 95.3
≥ 200
≤ 95.3
2Φ + 2Φ
2
Any
≤ 95.3
≤ 95.3
≥ 200
3Φ + 1Φ
2
Any
≤ 95.3
≤ 95.3
≤ 95.3
4Φ
1
Also, the output-voltage sensing of the buck converters is assigned based on the phase-configuration setting. In
multiphase configurations, the buck controllers regulate the output voltage using the differential output-voltage sensing
inputs (SNSxP/SNSxN) of the master phases. Table 6 shows how the output-voltage sensing inputs are configured for
each phase configuration.
Table 6. Buck Output-Voltage Sensing Assignment
PHASE (Φ) CONFIGURATION
PHASE ASSIGNED*
BUCK NAMING CONVENTION
VOUT SENSING INPUT
1Φ + 1Φ + 1Φ + 1Φ
(4 Outputs)
Phase1 (M1)
Buck1 (VOUT1)
SNS1P/SNS1N
Phase2 (M2)
Buck2 (VOUT2)
SNS2P
Phase3 (M3)
Buck3 (VOUT3)
SNS3P/SNS3N
Phase4 (M4)
Buck4 (VOUT4)
SNS4P
2Φ + 1Φ + 1Φ
(3 Outputs)
Phase1 (M1)
Phase2 (S1)
Buck1 (VOUT1)
SNS1P/SNS1N
Phase3 (M3)
Buck3 (VOUT3)
SNS3P/SNS3N
Phase4 (M4)
Buck4 (VOUT4)
SNS4P
2Φ + 2Φ
(2 Output)
Phase1 (M1)
Phase2 (S1)
Buck1 (VOUT1)
SNS1P/SNS1N
Phase3 (M3)
Phase4 (S3)
Buck3 (VOUT3)
SNS3P/SNS3N
3Φ + 1Φ
(2 Output)
Phase1 (M1)
Phase2 (S1)
Phase3 (S1)
Buck1 (VOUT1)
SNS1P/SNS1N
Phase4 (M4)
Buck4 (VOUT4)
SNS4P
4Φ
(1 Output)
Phase1 (M1)
Phase2 (S1)
Phase3 (S1)
Phase4 (S1)
Buck1 (VOUT1)
SNS1P/SNS1N
*Mx = Master phase.
Sx = Slave phase.
In multiphase configurations, the logic I/O pins and the control registers assigned to slave phases are deactivated so that
register settings of the corresponding master phases dictate the operation of the slave phase as shown in Figure 6.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com