Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 49 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 49 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 45Page - Analog Devices DFE252012F-R47M Datasheet HTML 46Page - Analog Devices DFE252012F-R47M Datasheet HTML 47Page - Analog Devices DFE252012F-R47M Datasheet HTML 48Page - Analog Devices DFE252012F-R47M Datasheet HTML 49Page - Analog Devices DFE252012F-R47M Datasheet HTML 50Page - Analog Devices DFE252012F-R47M Datasheet HTML 51Page - Analog Devices DFE252012F-R47M Datasheet HTML 52Page - Analog Devices DFE252012F-R47M Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
8
16
12
4
LFSR VALUE
LFSR CLOCK PERIOD (1/FLFSR)
FLFSR = FSS_MOD × [2N - 1].
N = LFSR WIDTH (4 BITS).
FSS_MOD = MODULATION RATE (1, 3, 5, OR 7kHz).
ΔFSS = MODULATION ENVELOPE (±8%, ±12%, OR ±16%).
FSW(NOM)
FSW(NOM) + ΔFSS
FSW(NOM) - ΔFSS
REPEAT PERIOD (1/FSS_MOD)
FSW
Figure 9. 4-Bit Pseudo-Random Modulation Signal Example
Triangular Pattern
The triangular engine uses a 4-bit up/down synchronous counter to create a stepped triangle pattern as shown in Figure
10. The counter value is converted to an analog signal and then amplified before being added to the output of the on-time
generator circuit. The counter value progressively shortens and lengthens the on-time. This causes the buck controller
to progressively increase and decrease the switching frequency to maintain voltage regulation. Each buck has its own
triangular pattern generator.
CLOCK
UP/DOWN
COUNTER
GAIN
DAC
REF
TRIANGULAR
MODULATION SIGNAL
Mx_SSM_PAT[1:0]
DECODE
ENVELOPE
RATE
Mx_SS_ENV[1:0]
Mx_SS_FREQ[1:0]
Figure 10. Triangular Modulator Engine
The modulation envelope and frequency are programmable with the Mx_SS_ENV[1:0] and the Mx_FREQ[1:0] bits. The
FSS_MOD sets the frequency at which the counter returns to the same value. The clock rate of the counter is the FCOUNT.
This is the frequency at which the frequency changes from one value to another. An example is shown in Figure 11.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com