Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 51 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 51 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 47Page - Analog Devices DFE252012F-R47M Datasheet HTML 48Page - Analog Devices DFE252012F-R47M Datasheet HTML 49Page - Analog Devices DFE252012F-R47M Datasheet HTML 50Page - Analog Devices DFE252012F-R47M Datasheet HTML 51Page - Analog Devices DFE252012F-R47M Datasheet HTML 52Page - Analog Devices DFE252012F-R47M Datasheet HTML 53Page - Analog Devices DFE252012F-R47M Datasheet HTML 54Page - Analog Devices DFE252012F-R47M Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 122 page
background image
● If the VSYS falls below the VUVLO_F (typ 2.7V), all individual buck outputs are disabled immediately (the UVLO_I
interrupt asserts) and the output-voltage setting registers (Type F) of all buck phases are reset to their default values
(enters buck x output off state).
● If the VIO falls below the VIO_UVLO_F (typ 0.97V), all individual buck outputs are disabled immediately (the VIOFLT_I
interrupt asserts) and the output-voltage setting registers (Type F) of all buck phases are reset to their default values
(enters buck x output off state).
● If one of the enabled buck outputs falls below the VPOK_F (typ 78% of regulation target), the Mx_POKFLT_I asserts.
● If one of the enabled buck outputs stays below the VPOK_R (typ 82% of regulation target) for longer than the
tPOK_TO, only the corresponding output is disabled immediately and the output-voltage setting registers (Type F) of
the corresponding buck are reset to their default values.
● If one of the enabled buck outputs falls below the VSCP (typ 20% of regulation target), only the corresponding output
is disabled immediately (the Mx_SCFLT_I interrupt asserts) and the output-voltage setting registers (Type F) of the
corresponding buck are reset to their default values.
● If the junction temperature exceeds the TSHDN (typ +165°C), all individual buck outputs are disabled immediately
(the TSHDN_I interrupt asserts) and the output-voltage setting registers (Type F) of all buck phases are reset to their
default values.
● POK and SCP monitoring are not active (masked) during soft-start and soft-stop.
When POK fault time-out, SCP, and/or TSHDN fault occurs, the corresponding buck enters either the latch-off or the wait
state from the reset state, depending on the AUTO_RSTRT bit setting.
● If AUTO_RSTRT = 0,
• The output of the individual buck is forced disabled in latch-off state.
• When Mx_EN = EN_Mx = 0 AND TJ ≤ +150°C, the individual buck exits latch-off state and enters buck x output off
state.
● If AUTO_RSTRT = 1,
• After 500ms of forced-disable in wait state, the individual buck automatically exits wait state and enters buck x
output off state, if the junction temperature falls below +150°C (TSHDN = 0).
• If the enable logic of individual buck is still valid when it enters buck x output off state, the corresponding buck
initiates soft-start as it goes into buck x output on state immediately.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com