Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 54 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 54 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 50Page - Analog Devices DFE252012F-R47M Datasheet HTML 51Page - Analog Devices DFE252012F-R47M Datasheet HTML 52Page - Analog Devices DFE252012F-R47M Datasheet HTML 53Page - Analog Devices DFE252012F-R47M Datasheet HTML 54Page - Analog Devices DFE252012F-R47M Datasheet HTML 55Page - Analog Devices DFE252012F-R47M Datasheet HTML 56Page - Analog Devices DFE252012F-R47M Datasheet HTML 57Page - Analog Devices DFE252012F-R47M Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 122 page
background image
Table 15. MFIO I/O Selection (continued)
0x5
N/A
Low
Low
High
0x6
N/A
Low
Low
Low
0x7
N/A
Low
Low
High Impedance
*MFIOx_SEL[2:0] bits are redundant to FPSI, FPSO, RSTINB, RSTOB, TWARNB, GPI, and ADCMUX functions.
Output Enable (EN)
When the MFIOx are configured as output enable pins, the enable logic of a buck converter is an OR logic of the
MFIOx and the corresponding enable register bit (Mx_EN). For example, if the MFIO1 is assigned to Buck Master1
enable (MFIO1_FUNC[3:0] = 0x0 and MFIO1_SEL[2:0] = 0x0), Buck Master1 enable is controlled by the MFIO1 pin
and the M1_EN bit. In case more than one MFIO is configured as the same enable function (e.g., MFIO2_FUNC[3:0] =
MFIO3_FUNC[3:0] = 0x0 and MFIO2_SEL[2:0] = MFIO3_SEL[2:0] = 0x1), those inputs are OR’ed with the M2_EN bit.
Low-Power Mode (LPM)
When the MFIOx are configured as low-power mode pins, the low-power mode logic of a specific buck converter is an
OR logic of the MFIOx and the corresponding enable register bit (Mx_LPM). See the Low-Power Skip (LP-SKIP) Mode
section for more information.
FPWM Mode (FPWM)
When the MFIOx are configured as the FPWM control input, the FPWM control logic of a specific buck converter is an OR
logic of the MFIOx and the corresponding enable register bit (Mx_FPWM). See the Forced-PWM (FPWM) Mode section
for more information.
External Clock Detection (CLKDET)
When the MFIOx are configured as external clock detection inputs, the corresponding buck converter tracks a valid
external clock signal at the MFIOx input. When a valid external clock is detected, the MFIOx status bit sets to 1 which
initiates a corresponding interrupt bit when unmasked. The external frequency detection is deactivated when all buck
outputs are disabled. Note that no more than one MFIO must be assigned as an external clock detection function for a
specific buck converter at a time. See the Frequency Tracking (FTRAK) section for more information.
Clock Output (CLKOUT)
The MFIOx is configured as a clock output (active-high, push-pull) when MFIOx_FUNC[3:0] = 0x4. The CLKOUT provides
the same frequency as the nominal switching frequency of the Buck Master1 which is selected by the M1_FREQ[1:0] bits.
For supporting a phase interleaving feature between multiple devices, the CLKOUT signal can be shifted by 0 to 3 clocks
from the Buck Master1 frequency with the MFIOx_SEL[2:0] bits. The CLKOUT is disabled when all the buck outputs are
turned off. In case the CLKOUT is required in the system even when all the buck outputs are disabled, the CLK_EN bit
(0x0C) needs to be set to 1.
Output-Voltage Selection (VSEL)
When the MFIOx are configured as voltage-selection pins, the output voltage of a specific buck converter is set by
the Mx_VOUT_H[7:0] and Mx_VOUT_L[7:0] registers based on the VSEL_Mx input. For example, if MFIO1_FUNC[3:0]
= 0x5 and MFIO1_SEL[2:0] = 0x0, the output voltage of Buck Master1 is set by the M1_VOUT_H[7:0] and the
M1_VOUT_L[7:0] when MFIO1 = high and MFIO1 = low, respectively. In case more than one MFIO isconfigured as the
same voltage-selection function, those inputs are OR’ed. During the output-voltage transition, the ramp-up/ramp-down
slew rate is controlled by the Mx_RU_SR[2:0] and the Mx_RD_SR[2:0].
Boot (Default) Output-Voltage Selection (VB)
When the MFIOx are configured as boot (default) voltage-selection pins, the output voltage of a specific buck converter
is set by the Mx_VOUT_H[7:0] (or the Mx_VOUT_L[7:0]) and Mx_VOUT_B[7:0] registers based on the input logic.
For example, if MFIO1_FUNC[3:0] = 0x6 and MFIO1_SEL[2:0] = 0x1, the output voltage of Buck Master2 is set by
the M2_VOUT_H[7:0] (or the M2_VOUT_L[7:0]) and the M2_VOUT_B[7:0] when MFIO1 = high and MFIO1 = low,
respectively. In case more than one MFIO is configured as the same voltage-selection function, the VB is an AND logic of
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com